Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7710WP Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV7710WP
Description  Vaccum fluorescent display (VFD) driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7710WP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV7710WP Datasheet HTML 9Page - STMicroelectronics STV7710WP Datasheet HTML 10Page - STMicroelectronics STV7710WP Datasheet HTML 11Page - STMicroelectronics STV7710WP Datasheet HTML 12Page - STMicroelectronics STV7710WP Datasheet HTML 13Page - STMicroelectronics STV7710WP Datasheet HTML 14Page - STMicroelectronics STV7710WP Datasheet HTML 15Page - STMicroelectronics STV7710WP Datasheet HTML 16Page - STMicroelectronics STV7710WP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
STV7710
Electrical characteristics
13/21
6
Electrical characteristics
(VCC = 5 V, Vpp = 70 V, VSSP = 0 V, Vss = 0 V, Tamb = 25 °C, fCLK = 40 MHz, unless
otherwise specified)
Table 10.
Electrical characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Supply
VCC
Logic supply voltage
4.50
5
5.5
V
ICC
Logic supply current(1)
-
45
100
µA
ICCL
Logic dynamic supply current (fCLK=20 MHz)
(2)
-20-
mA
ICC
Logic supply current (VIH=2.0V)
-
750
μA
VPP
Power output supply voltage
15
70
V
IPPH
Power output supply current (steady outputs)
-
-
10
µA
Output
OUT1-OUT96 (
Figure 9)
VPOUTH
Power output high level (voltage drop versus VPP)
@IPOUTH = - 20 mA and VPP = 70 V
-7.5
14
V
VPOUTL
Power output low level @ IPOUTL = + 20 mA
-
5
11
V
VDOUTH
Output diode voltage drop @ IDOUTH = + 30 mA
(3)
-1
2
V
VDOUTL
Output diode voltage drop @ IDOUTL = - 30 mA
(3)
-2
-1
-
V
DATA A, DATA B (
Figure 10)
VOH
Logic output high level @IOH=-1mA
4
4.8
-
V
VOL
Logic output low level @IOL = 1 mA
-
0.1
0.4
V
Input
CLK, F/R, STB, POC, BLK, DATA_A, DATA B (
Figure 8)
VIH
Input high level
2.0
-
-
V
VIL
Input low level
-
-
0.9
V
IIH
High level input current (VIH >=2.0V)
--
5
µA
IIL
Low level input current (VIL = 0v)
-
-
5
µA
CIN
Input capacitance(4)
15
pF
1.
Logic input levels compatible with 5V CMOS logic.
2.
All data inputs are commuted at 10MHz
3.
See
Figure 6: Test configuration
4.
This parameter is measured during ST’s internal qualification which includes temperature characterization on standard and
corner batches of the process. This parameter is not tested on the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com