Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7710WP Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV7710WP
Description  Vaccum fluorescent display (VFD) driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7710WP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV7710WP Datasheet HTML 11Page - STMicroelectronics STV7710WP Datasheet HTML 12Page - STMicroelectronics STV7710WP Datasheet HTML 13Page - STMicroelectronics STV7710WP Datasheet HTML 14Page - STMicroelectronics STV7710WP Datasheet HTML 15Page - STMicroelectronics STV7710WP Datasheet HTML 16Page - STMicroelectronics STV7710WP Datasheet HTML 17Page - STMicroelectronics STV7710WP Datasheet HTML 18Page - STMicroelectronics STV7710WP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
STV7710
AC timing characteristics
15/21
8
AC timing characteristics
VCC = 5 V, VPP = 70 V, VSSP = 0 V, VSSSUB = 0 V, Vsslog = 0 V, Tamb = 25°C, fCLK = 40 MHz
(VILMAX = 0.2 Vcc, VIHMIN = 0.8 VCC)
Table 12.
AC timing characteristics
Symbol
Parameter
Min
Typ
Max
Unit
tPHL1
tPLH1
Delay of power output change after CLK transition
- high to low
- low to high
-
-
35
30
100
100
ns
ns
tPHL2
tPLH2
Delay of power output change after STB transition
- high to low
- low to high
-
-
-
95
95
ns
ns
tPHL3
tPLH3
Delay of power output change after BLK, POC
transition
- high to low
- low to high
-
25
20
90
90
ns
ns
tR OUT
Power output rise time(1)
50
-
200
ns
tF OUT
Power output fall time(1)
50
-
200
ns
tS
Width of the falling edge smooth shape
(not tested)(2)
-30-
ns
tR DAT
Logic data output rise time (CL = 10pF)
-
9
20
ns
tF DAT
Logic data output fall time (CL = 10pF)
-
5
12
ns
tPHL4
tPLH4
Delay of logic data output change after CLK
transition
- high to low
- low to high
-
-
12
13
25
25
ns
ns
1.
One output among 96, loading capacitor CL = 50pF, other outputs at low level
2.
See
Figure 7: Zoom for OUTn showing tS and tF OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com