Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STV8247
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STV8247_06 Datasheet HTML 49Page - STMicroelectronics STV8247_06 Datasheet HTML 50Page - STMicroelectronics STV8247_06 Datasheet HTML 51Page - STMicroelectronics STV8247_06 Datasheet HTML 52Page - STMicroelectronics STV8247_06 Datasheet HTML 53Page - STMicroelectronics STV8247_06 Datasheet HTML 54Page - STMicroelectronics STV8247_06 Datasheet HTML 55Page - STMicroelectronics STV8247_06 Datasheet HTML 56Page - STMicroelectronics STV8247_06 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 156 page
background image
53/156
STV82x7
I²C Interface
11.3
Process Flow during Patch Loading and DSP Initialization
Patch loading and DSP firmware initialization are shown in Figure 32
Figure 32: Patch Loading and DSP Initialization
HW_RESET bit = 0
Firmware Initialization
Patch Loading
Load patch file in memory
Firmware Init phase
Write patch version
(reg FFh = xxh)
Firmware Initialization finished
(INIT_MEM = 1)
(Software launch patch loading)
(This action is included in the Patch load file)
NOTE 1
NOTE 1: The customer can also set HW_RESET = 1 here.
(bit 2 in HOST_CMD register)
(Duration of Firmware initialization is less than 1ms)
(Firmware set INIT_MEM = 1 (done inside patch file)
(bit 0 in DSP_STATUS register))
(Software must test INIT_MEM = 1 before continuing)
(bit 2 in HOST_CMD register)
(DSP STOP)
HW_RESET bit = 1
(bit 2 in HOST_CMD register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com