Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STV8247
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STV8247_06 Datasheet HTML 59Page - STMicroelectronics STV8247_06 Datasheet HTML 60Page - STMicroelectronics STV8247_06 Datasheet HTML 61Page - STMicroelectronics STV8247_06 Datasheet HTML 62Page - STMicroelectronics STV8247_06 Datasheet HTML 63Page - STMicroelectronics STV8247_06 Datasheet HTML 64Page - STMicroelectronics STV8247_06 Datasheet HTML 65Page - STMicroelectronics STV8247_06 Datasheet HTML 66Page - STMicroelectronics STV8247_06 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 156 page
background image
63/156
STV82x7
Register List
I2S_CTRL
I2S Synchronization Control Register
I2S_STAT
I²S Synchronization Status Register
Address: 04h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SYNC_OFF
SYNC_SIGN
0
LOCK_TH[1:0]
LOCK_MODE
SYNC_CST[1:0]
Bit Name
Reset
Function
SYNC_OFF
0
Open the loop of synchronization - External PCM clock is used internally and must be equal to
512 x fSOUT
SYNC_SIGN
0
Sign of the loop reversion (to be used in case of gain inversion of the Frequency Synthesizer)
Bit 5
0
Reserved
LOCK_TH[
1:0]
00
Lock Detector Threshold Programming
00: ±1 CLK period error of accumulation
01: ±2 CLK period error of accumulation
10: ±4 CLK period error of accumulation
11: ±8 CLK period error of accumulation
LOCK_MOD
E
0
Lock Detector Mode
0: Lock when accumulation error within lock threshold and LR detected (period counter not
saturated)
1: Lock when only accumulation error within lock threshold. Don’t care about the LR detection
SYNC_CST[
1:0]
01
Synchronization Time Constant
Defines the measurement period of LR
00: Half period measured (lowest accuracy)
01: One full period measured
10: Two full periods measured
11: Four full periods measured (highest accuracy)
Address: 05h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
0
0
LR_OFF
LOCK_FLAG
Bit Name
Reset
Function
Bits[7:2]
0
Reserved.
LR_OFF
0
LR Signal Detection
0: LR signal detected and correct
1: Missing LR pulses detected
LOCK_FLAG
0
Lock Flag allowing unmute of Audio Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com