Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STV8247
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STV8247_06 Datasheet HTML 42Page - STMicroelectronics STV8247_06 Datasheet HTML 43Page - STMicroelectronics STV8247_06 Datasheet HTML 44Page - STMicroelectronics STV8247_06 Datasheet HTML 45Page - STMicroelectronics STV8247_06 Datasheet HTML 46Page - STMicroelectronics STV8247_06 Datasheet HTML 47Page - STMicroelectronics STV8247_06 Datasheet HTML 48Page - STMicroelectronics STV8247_06 Datasheet HTML 49Page - STMicroelectronics STV8247_06 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 156 page
background image
S/PDIF Input/Output
STV82x7
46/156
7
S/PDIF Input/Output
An S/PDIF output is available for connection with an external A/V decoder/amplifier.
The signal on this S/PDIF output is selected by an on chip Multiplexer between the internal signal
and an external signal present on S/PDIF bypass input (Pin 44) with SPDIF_MUX bit in the
DAC_CONTROL register.
The outputted internal signal can be selected from:
● L/R
● C/Subwoofer
● HP or Surround L/R
● SCART L/R
The external signal is for example the signal provided by an external Dolby
® Digital decoder
(STD2000).
Mute facility is also provided on the S/PDIF output.
Note:
The S/PDIF_IN pin (Pin 44) is a CMOS digital pin and input signals on this pin must fulfill the
characteristics as mentioned in Section 13.12: Digital I/Os Characteristics on page 144 (±0.5 VPP
standard S/PDIF input level is not directly supported by the device and needs external circuitry).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com