Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4811M Datasheet(PDF) 72 Page - STMicroelectronics

Part # STW4811M
Description  Power management for multimedia processors
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811M Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STW4811M Datasheet HTML 68Page - STMicroelectronics STW4811M Datasheet HTML 69Page - STMicroelectronics STW4811M Datasheet HTML 70Page - STMicroelectronics STW4811M Datasheet HTML 71Page - STMicroelectronics STW4811M Datasheet HTML 72Page - STMicroelectronics STW4811M Datasheet HTML 73Page - STMicroelectronics STW4811M Datasheet HTML 74Page - STMicroelectronics STW4811M Datasheet HTML 75Page - STMicroelectronics STW4811M Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 86 page
background image
STw4811M/STw4811N
Electrical and timing characteristics
71/85
Threshold VBUS monitoring
VAval
VBUS valid
4.4
4.5
4.6
V
Vth_dev
Threshold device
‘th_Bdevice’ = 1
3.77
3.87
3.97
V
VBses
VBUS session valid
1.8
2
V
VBsess_end B_session_end
0.2
0.8
V
VBUS
RA_BUS_
IN
40
100
k
Ω
TA_VBUS_
RISE
VBUS = [0; 4.4] V
ILOAD = 100mA
External cap 10µF
100
ms
Data line pull-down resistance
RPD_DPDN
14
19
25
k
Ω
Data line pull-up resistance
RPU_DP
Bus idle
Bus driven
900
1425
1200
2300
1600
3100
Ω
RPU_DN
Bus idle
Bus driven
900
1425
1200
2300
1600
3100
Ω
PULL-DOWN on VBUS
RVBUS_PD
650
925
1200
Ω
PULL-UP on VBUS
RVBUS_SRP
420
600
780
Ω
ID
VID_GND
ID_GND comparator
threshold
2.7 V < VBAT < 4.8
V
0.15*
VBAT
V
VID_HI
(VBAT)
Battery level
2.7
3.6
4.8
V
VID_FLOAT
ID_FLOAT
comparator
threshold
0.85*
VBAT
V
RPU_ID
70
100
130
k
Ω
RPD_ID
10
k
Ω
Carkit threshold detection
cR_INT
Carkit interrupt
threshold
0.4
0.6
V
Table 51.
USB OTG transceiver (continued)
Symbol
Description
Test conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com