Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4811M Datasheet(PDF) 37 Page - STMicroelectronics

Part # STW4811M
Description  Power management for multimedia processors
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811M Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STW4811M Datasheet HTML 33Page - STMicroelectronics STW4811M Datasheet HTML 34Page - STMicroelectronics STW4811M Datasheet HTML 35Page - STMicroelectronics STW4811M Datasheet HTML 36Page - STMicroelectronics STW4811M Datasheet HTML 37Page - STMicroelectronics STW4811M Datasheet HTML 38Page - STMicroelectronics STW4811M Datasheet HTML 39Page - STMicroelectronics STW4811M Datasheet HTML 40Page - STMicroelectronics STW4811M Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 86 page
background image
Functional description
STw4811M/STw4811N
36/85
Configuration 2 register
Table 28.
Configuration 2 register at address = 20h
7
65432
10
Not used
Not used
gpo2
gpo1
mask_it_
wake_up
external_
vmmc
mask_
twarn
-
-
R/W
R/W
R/W
R/W
R/W
R/W
Bits
Name
Value
Settings
Default
0
mask_twarn
0
1
Inactive
Mask TWARN interruption (it_twarn bit) through
VDDOK
0
1
external_vmmc
0
1
Internal LDO VMMC is used
External VMMC is used
0
2
mask_it_wake
_up
0
1
Inactive
IT_WAKE_UP ball masked
0
3
gpo1
0
1
GPO1 in High impedance
GPO1 at low level
0
4
gpo2
0
1
GPO2 in High impedance
GPO2 at low level
0
5
not used
0
1
Not used
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com