Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4811M Datasheet(PDF) 48 Page - STMicroelectronics

Part # STW4811M
Description  Power management for multimedia processors
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811M Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STW4811M Datasheet HTML 44Page - STMicroelectronics STW4811M Datasheet HTML 45Page - STMicroelectronics STW4811M Datasheet HTML 46Page - STMicroelectronics STW4811M Datasheet HTML 47Page - STMicroelectronics STW4811M Datasheet HTML 48Page - STMicroelectronics STW4811M Datasheet HTML 49Page - STMicroelectronics STW4811M Datasheet HTML 50Page - STMicroelectronics STW4811M Datasheet HTML 51Page - STMicroelectronics STW4811M Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 86 page
background image
STw4811M/STw4811N
Functional description
47/85
Interrupt management
IT_WAKE_UP: with only VBAT supply, no other supply available, when a USB cable is
plugged this interrupt is activated to wake up the host or the modem, depends of application
(open drain, active low).
By default this feature is available independently of PON level, it can be masked when
PON = 1 by ‘mask_it_wake_up’ bit of
configuration 2 register (see Table 28)
USBINTn: This interrupt ball is dedicated to USB protocol and sent to multimedia processor.
Independently of PWREN ball state, this ball goes to low level if an USB interrupt source is
detected. In sleep mode, PWREN = 0, an interrupt source is detected only if unmasked
before PWREN goes to low level.
VBUS monitoring
These comparators monitor the VBUS voltage. They detect the current status of the VBUS
line:
●
VBUS > 4.4 V means A-Device VBUS_Valid
●
0.8 V < VBUS < 2 V means A-Device Session Valid and 0.8 V < VBUS < 4 V means B-
Device Session Valid. To be compatible with both Session Valid threshold, STw4811
threshold is equal to 1.9 V.
●
VBUS < 0.8 V means B_Device Session End
These three bits generate an interrupt when active (see
USB interrupt registers (Table 13)).
VUSB LDO: Internal regulator which provides power supply for the bus driver and receiver.
ID detector: This block detects the status of the ID line. It is capable of detecting three
different states of line:
●
ball is floating ‘id_float’ bit is high, Threshold detection is equal to 0.85 * Vbattery.
●
ball is tied to ground ‘id_gnd_forced’ bit is high, Threshold detection is equal to 0.15 *
Vbattery.
●
ball is grounded via resistor, voltage is between 0.85 * Vbattery and 0.15 * Vbattery.
‘id_float’ and ‘id_gnd_forced’ bits are low.
This detection generates interrupts (see
USB interrupt registers (Table 13)).
Transceiver: The driver can operate in different modes. It can act as a classical low-speed
and full-speed differential driver, as two independent single-ended drivers or as a single-
ended driver in UART mode. This block contains one differential receiver for the USB mode
of operation and two single-ended receivers for USB signaling and UART mode.
DP monitor: This block is used to detect car kit peripheral, ‘cr_int’,0.6 V on DP (see
USB
interrupt registers (Table 13)).
Pull up and pull down resistors: Configurable integrated pull-up and pull-down resistor of
data line and VBUS (see
USB control register 2 (Table 12)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com