Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1014 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSL1014
Description  14 1 channel buffers for TFT-LCD panels
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL1014 Datasheet(HTML) 1 Page - STMicroelectronics

  TSL1014 Datasheet HTML 1Page - STMicroelectronics TSL1014 Datasheet HTML 2Page - STMicroelectronics TSL1014 Datasheet HTML 3Page - STMicroelectronics TSL1014 Datasheet HTML 4Page - STMicroelectronics TSL1014 Datasheet HTML 5Page - STMicroelectronics TSL1014 Datasheet HTML 6Page - STMicroelectronics TSL1014 Datasheet HTML 7Page - STMicroelectronics TSL1014 Datasheet HTML 8Page - STMicroelectronics TSL1014 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
August 2008
Rev 5
1/16
16
TSL1014
14 + 1 channel buffers for TFT-LCD panels
Features
■ Wide supply voltage: 5.5 V to 16.8 V
■ Low operating current: 6 mA typical at 25° C
■ Gain bandwidth product: 1 MHz
■ High current com amplifier: ±100 mA output
current
■ Industrial temperature range: -40° C to +85° C
■ Small package: TQFP48
■ Automotive qualification
Application
■ TFT liquid crystal display (LCD)
Description
The TSL1014 is composed of 14 + 1 channel
buffers which are used to buffer the reference
voltage for gamma correction in thin film transistor
(TFT) liquid crystal displays (LCD).
One "COM" amplifier is able to deliver high output
current value, up to ±100mA. Amplifiers A and B
feature positive single supply inputs for common
mode voltage behavior. The amplifiers C to N
inclusive, and the COM amplifier, feature negative
single-supply inputs and are dedicated to the
highest and lowest gamma voltages.
The TSL1014 is fully characterized and
guaranteed over a wide industrial temperature
range (-40 to +85° C).
7 x 7mm TQFP48
VSS
VDD
1
2
3
4
5
6
7
8
9
10
11
32
31
30
29
28
27
26
13
14 15
16
17 18 19
20 21
22
47
25
33
12
23 24
35
34
36
48
44 43 42
41 40
39 38 37
46 45
A
B
C
D
E
F
G
Com
N
M
L
K
J
I
H
VDD
VSS
VSSVDD
VSSVDD
VSS
VDD
VSS VDD
VSS
VDD
1
2
3
4
5
6
7
8
9
10
11
32
31
30
29
28
27
26
13
14 15
16
17 18 19
20 21
22
47
25
33
12
23 24
35
34
36
48
44 43 42
41 40
39 38 37
46 45
A
B
C
D
E
F
G
Com
N
M
L
K
J
I
H
VDD
VSS
VSSVDD
VSSVDD
VSS
VDD
VSS VDD
Pin connections (top view)
www.st.com


Similar Part No. - TSL1014

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSL1014 STMICROELECTRONICS-TSL1014 Datasheet
246Kb / 15P
14 1 channel buffer for TFT-LCD panels
07-Mar-2007
TSL1014IF STMICROELECTRONICS-TSL1014IF Datasheet
246Kb / 15P
14 1 channel buffer for TFT-LCD panels
07-Mar-2007
TSL1014IFT STMICROELECTRONICS-TSL1014IFT Datasheet
246Kb / 15P
14 1 channel buffer for TFT-LCD panels
07-Mar-2007
More results

Similar Description - TSL1014

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSL1014 STMICROELECTRONICS-TSL1014 Datasheet
246Kb / 15P
14 1 channel buffer for TFT-LCD panels
07-Mar-2007
TSL1018 STMICROELECTRONICS-TSL1018 Datasheet
267Kb / 15P
18 1 channel buffer for TFT-LCD panels
15-Jul-2008
TSL1020 STMICROELECTRONICS-TSL1020 Datasheet
244Kb / 16P
20 1 channel buffer for TFT-LCD panels
28-Jan-2008
logo
Advanced Analog Technol...
AAT7200 AAT-AAT7200_3 Datasheet
218Kb / 11P
141-Channel Buffer for TFT LCD
V 3.0
logo
Global Mixed-mode Techn...
G1620 GMT-G1620 Datasheet
133Kb / 1P
Programmable 141 Channel Voltage Buffers with NVM for TFT LCD
G1575 GMT-G1575 Datasheet
111Kb / 1P
141 Channel Voltage Buffers for TFT LCD
G1574 GMT-G1574 Datasheet
80Kb / 1P
181 Channel Voltage Buffers for TFT LCD
G1572 GMT-G1572 Datasheet
131Kb / 1P
Programmable 141 Channel Voltage Buffers with NVM for TFT LCD
logo
E-CMOS Corporation
EC5575 E-CMOS-EC5575 Datasheet
659Kb / 12P
141 Channel Voltage Buffers for TFT LCD
EC5579 E-CMOS-EC5579 Datasheet
825Kb / 12P
181 Channel Voltage Buffers for TFT LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com