Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1014 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSL1014
Description  14 1 channel buffers for TFT-LCD panels
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL1014 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSL1014 Datasheet HTML 8Page - STMicroelectronics TSL1014 Datasheet HTML 9Page - STMicroelectronics TSL1014 Datasheet HTML 10Page - STMicroelectronics TSL1014 Datasheet HTML 11Page - STMicroelectronics TSL1014 Datasheet HTML 12Page - STMicroelectronics TSL1014 Datasheet HTML 13Page - STMicroelectronics TSL1014 Datasheet HTML 14Page - STMicroelectronics TSL1014 Datasheet HTML 15Page - STMicroelectronics TSL1014 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
TSL1014
Ordering information
15/16
5
Ordering information
6
Revision history
Table 6.
Order codes
Order code
Temperature range
Package
Packing
Marking
TSL1014IF
-40°C to +85°C
TQFP48
Tray
SL1014I
TSL1014IFT
Tape & reel
TSL1014IYF(1)
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent are on-going.
Tray
SL1014Y
TSL1014IYFT(1)
Tape & reel
Table 7.
Document revision history
Date
Revision
Changes
01-Jul-2005
1
Initial release - Product in full production.
01-Sep-2005
2
Lead temperature corrected in Table 1 on page 2.
Electrical characteristics graphs re-ordered from Figure 2 on page 6
to Figure 43 on page 12.
07-Mar-2007
3
Notes added on ESD in Table 1 on page 2.
Maximum operating supply voltage increased in Table 2 on page 2.
Input voltage parameters added in Table 2 on page 2.
VOL limits changed for Buffers C to L in Table 4 on page 5.
09-Jun-2008
4
Electrical characteristics table added for automotive parts.
Order codes added for automotive parts.
19-Aug-2008
5
Modified lCC typical and maximum values for standard parts in
Table 3.
Updated all curves (Figure 2 to Figure 43).
Added ESD charged device model value in Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com