Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1014 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSL1014
Description  14 1 channel buffers for TFT-LCD panels
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL1014 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSL1014 Datasheet HTML 8Page - STMicroelectronics TSL1014 Datasheet HTML 9Page - STMicroelectronics TSL1014 Datasheet HTML 10Page - STMicroelectronics TSL1014 Datasheet HTML 11Page - STMicroelectronics TSL1014 Datasheet HTML 12Page - STMicroelectronics TSL1014 Datasheet HTML 13Page - STMicroelectronics TSL1014 Datasheet HTML 14Page - STMicroelectronics TSL1014 Datasheet HTML 15Page - STMicroelectronics TSL1014 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Package information
TSL1014
14/16
Table 5.
TQFP48 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.6
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
B
0.17
0.22
0.27
0.007
0.009
0.011
C
0.09
0.20
0.0035
0.0079
D
9.00
0.354
D1
7.00
0.276
D3
5.50
0.216
e
0.50
0.020
E
9.00
0.354
E1
7.00
0.276
E3
5.50
0.216
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
K
0°
3.5°7°
0°
3.5°7°
0110596/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com