Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1020 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSL1020
Description  20 1 channel buffer for TFT-LCD panels
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL1020 Datasheet(HTML) 2 Page - STMicroelectronics

  TSL1020 Datasheet HTML 1Page - STMicroelectronics TSL1020 Datasheet HTML 2Page - STMicroelectronics TSL1020 Datasheet HTML 3Page - STMicroelectronics TSL1020 Datasheet HTML 4Page - STMicroelectronics TSL1020 Datasheet HTML 5Page - STMicroelectronics TSL1020 Datasheet HTML 6Page - STMicroelectronics TSL1020 Datasheet HTML 7Page - STMicroelectronics TSL1020 Datasheet HTML 8Page - STMicroelectronics TSL1020 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute maximum ratings and operating conditions
TSL1020
2/16
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (VDD - VSS)18
V
Vin
Input voltage
VSS -0.5 to VDD +0.5
V
Rthja
Thermal resistance junction to ambient for TQFP48
ePad not thermally connected to PCB
ePad thermally connected to PCB
85
36
°C/W
Tlead
Lead temperature (soldering 10 seconds)
260
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Junction temperature
150
°C
ESD
Human body model (HBM)(1)
1.
Human body model: A 100pF capacitor is charged to the specified voltage, then discharged through a
1.5k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2000
V
Machine model (MM)(2)
2.
Machine model: A 200pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
200
V
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage (VDD - VSS)
5.5 to 16.8
V
Tamb
Ambient temperature
-40 to +95
°C
Vin
Input voltages for buffers A & B
VSS + 1.5V to VDD
V
Input voltages for buffers C to T & COM
VSS to VDD - 1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com