Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1020 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSL1020
Description  20 1 channel buffer for TFT-LCD panels
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL1020 Datasheet(HTML) 5 Page - STMicroelectronics

  TSL1020 Datasheet HTML 1Page - STMicroelectronics TSL1020 Datasheet HTML 2Page - STMicroelectronics TSL1020 Datasheet HTML 3Page - STMicroelectronics TSL1020 Datasheet HTML 4Page - STMicroelectronics TSL1020 Datasheet HTML 5Page - STMicroelectronics TSL1020 Datasheet HTML 6Page - STMicroelectronics TSL1020 Datasheet HTML 7Page - STMicroelectronics TSL1020 Datasheet HTML 8Page - STMicroelectronics TSL1020 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TSL1020
Electrical characteristics
5/16
Figure 2.
Supply current vs. supply voltage
for various temperatures
Figure 3.
Output offset voltage (eq. Vio) vs.
temperature
4
6
8
1012
1416
18
6
7
8
9
10
11
12
T
AMB
=+95°C
T
AMB
=+25°C
T
AMB
=-40°C
Power supply voltage (V)
-40
-20
0
2040
6080
100
-0.4
-0.3
-0.2
-0.1
0.0
V
CC
= 5.5V, 10V, 16.8V
Temperature (°C)
Figure 4.
Input current (Iib) vs. temperature
Figure 5.
Input current (Iib) vs. temperature
-40
-20
0
2040
6080
100
30
35
40
45
50
55
60
Amplifiers
A & B, NPN Inputs
V
CC
= 5.5V, 10V, 16.8V
Temperature (°C)
-40
-20
0
2040
6080
100
30
35
40
45
50
55
60
Amplifiers
C to COM, PNP Inputs
V
CC
= 5.5V, 10V, 16.8V
Temperature (°C)
Figure 6.
Output current capability vs.
temperature
Figure 7.
Output current capability vs.
temperature
-40
-20
0
2040
6080
100
-200
-160
-120
-80
-40
0
40
80
120
160
200
Amplifiers A & B
V
CC
= 16.8V
V
CC
= 10V
V
CC
= 5.5V
Temperature (°C)
-40
-20
0
2040
6080
100
-80
-40
0
40
80
Amplifiers C to T
V
CC
= 10V, 16.8V
V
CC
= 5.5V
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com