Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL1020 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSL1020
Description  20 1 channel buffer for TFT-LCD panels
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSL1020 Datasheet(HTML) 3 Page - STMicroelectronics

  TSL1020 Datasheet HTML 1Page - STMicroelectronics TSL1020 Datasheet HTML 2Page - STMicroelectronics TSL1020 Datasheet HTML 3Page - STMicroelectronics TSL1020 Datasheet HTML 4Page - STMicroelectronics TSL1020 Datasheet HTML 5Page - STMicroelectronics TSL1020 Datasheet HTML 6Page - STMicroelectronics TSL1020 Datasheet HTML 7Page - STMicroelectronics TSL1020 Datasheet HTML 8Page - STMicroelectronics TSL1020 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TSL1020
Typical application schematics
3/16
2
Typical application schematics
Figure 1.
A typical application schematic for the TSL1020
Note that:
Amplifiers A & B have their input voltages in the range VSS+1.5V to VDD. This is why
they must be used for high level gamma correction voltages.
Amplifiers C to T have their input voltages in the range VSS to VDD-1.5V. This is why
they must be used for medium-to-low level gamma correction voltages.
Amplifier COM has its input voltage range from VSS to VDD-1.5V.
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
R1
Gnd
Gnd
Com Ref. Voltage
Vcc
+ Cs
10uF
Gnd
Gamma 7
Gamma 8
Gamma 9
Gamma 10
Gamma 11
Gamma 12
Gamma 13
Gamma 14
Gamma 15
Gamma 16
Gamma 17
Gamma 18
Gamma 19
VCOM
To colunm driver
R15
R16
R17
R18
Gamma 0
Gamma 1
Gamma 4
Gamma 5
Gamma 6
R20
R21
R19
COM
A
B
C
D
E
F
G
H
I
J
O
P
Q
R
48
1
2
8
9
10
7
11
12
13
14
15
16
17
18
19
30
20
21
22
23
24
25
26
42
27
28
29
35
36
37
38
41
43
44
47
VSS
VDD
K
L
M
N
4
5
6
31
32
33
34
3
S
39
46
T
40
45
TSL1020
Gamma 3
Gamma 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com