Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7761B Datasheet(PDF) 6 Page - Analog Devices

Part # ADE7761B
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761B Datasheet(HTML) 6 Page - Analog Devices

Back Button ADE7761B Datasheet HTML 2Page - Analog Devices ADE7761B Datasheet HTML 3Page - Analog Devices ADE7761B Datasheet HTML 4Page - Analog Devices ADE7761B Datasheet HTML 5Page - Analog Devices ADE7761B Datasheet HTML 6Page - Analog Devices ADE7761B Datasheet HTML 7Page - Analog Devices ADE7761B Datasheet HTML 8Page - Analog Devices ADE7761B Datasheet HTML 9Page - Analog Devices ADE7761B Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADE7761B
Rev. 0 | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
REFIN/OUT
S0
SCF
S1
VDD
F1
V1A
F2
V1B
CF
V1N
DGND
V2N
REVP
V2P
FAULT
MISCAL
RCLKIN
AGND
PGA
1
2
3
4
20
19
18
17
5
6
7
16
15
14
8
13
9
12
10
11
ADE7761B
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration (SSOP)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Power Supply. This pin provides the supply voltage for the digital circuitry in the ADE7761B. The supply voltage
should be maintained at 5 V ± 5% for specified operation. This pin should be decoupled with a 10 μF capacitor
in parallel with a ceramic 100 nF capacitor.
2, 3
V1A, V1B
Analog Inputs for Channel V1 (Current Channel). These inputs are fully differential voltage inputs with maximum
differential input signal levels of ±660 mV with respect to V1N for specified operation. The maximum signal level
at these pins is ±1 V with respect to AGND. Both inputs have internal ESD protection circuitry, and an overvoltage
of ±6 V can also be sustained on these inputs without risk of permanent damage.
4
V1N
Negative Input for Differential Voltage Inputs, V1A and V1B. The maximum signal level at this pin is ±1 V with respect
to AGND. The input has internal ESD protection circuitry, and an overvoltage of ±6 V can also be sustained on this
input without risk of permanent damage. The input should be directly connected to the burden resistor and held
at a fixed potential, that is, AGND. See the Analog Inputs section.
5
V2N
Negative Input for Differential Voltage Inputs, V2P and MISCAL. The maximum signal level at this pin is ±1 V with
respect to AGND. The input has internal ESD protection circuitry, and an overvoltage of ±6 V can also be sustained
on this input without risk of permanent damage. The input should be held at a fixed potential, that is, AGND. See
the Analog Inputs section.
6
V2P
Analog Input for Channel V2 (Voltage Channel). This input is a fully differential voltage input with maximum
differential input signal levels of ±660 mV with respect to V2N for specified operation. The maximum signal level at
this pin is ±1 V with respect to AGND. This input has internal ESD protection circuitry, and an overvoltage of ±6 V
can also be sustained on this input without risk of permanent damage.
7
MISCAL
Analog Input for Missing Neutral Calibration. This pin can be used to calibrate the CF, F1, and F2 frequencies in the
missing neutral condition. This input is a fully differential voltage input with maximum differential input signal
levels of 660 mV with respect to V2N for specified operation. The maximum signal level at this pin is ±1 V with respect
to AGND. This input has internal ESD protection circuitry, and an overvoltage of ±6 V can also be sustained on this
input without risk of permanent damage.
8
AGND
Analog Ground. This pin provides the ground reference for the analog circuitry in the ADE7761B, that is, ADCs and
reference. This pin should be tied to the analog ground plane of the PCB. The analog ground plane is the ground
reference for all analog circuitry such as antialiasing filters and current and voltage transducers. For good noise
suppression, the analog ground plane should be connected to the digital ground plane only at the DGND pin.
9
REFIN/OUT
This pin provides access to the on-chip voltage reference. The on-chip reference has a nominal value of
2.5 V ± 8% and a typical temperature coefficient of 30 ppm/°C. An external reference source can also be
connected at this pin. In either case, this pin should be decoupled to AGND with a 1 μF ceramic capacitor and
100 nF ceramic capacitor.
10
SCF
Select Calibration Frequency. This logic input is used to select the frequency on the Calibration Output CF.
Table 7 shows how the calibration frequencies are selected.
11, 12
S1, S0
These logic inputs are used to select one of four possible frequencies for the digital-to-frequency conversion.
This offers the designer greater flexibility when designing the energy meter. See the Selecting a Frequency for an
Energy Meter Application section.
13
PGA
This logic input is used to select the gain for the analog inputs, V1A and V1B. The possible gains are 1 and 16.
14
RCLKIN
To enable the internal oscillator as a clock source on the chip, a precise low temperature drift resistor at
a nominal value of 6.2 kΩ must be connected from this pin to DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com