Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7761B Datasheet(PDF) 20 Page - Analog Devices

Part # ADE7761B
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761B Datasheet(HTML) 20 Page - Analog Devices

Back Button ADE7761B Datasheet HTML 16Page - Analog Devices ADE7761B Datasheet HTML 17Page - Analog Devices ADE7761B Datasheet HTML 18Page - Analog Devices ADE7761B Datasheet HTML 19Page - Analog Devices ADE7761B Datasheet HTML 20Page - Analog Devices ADE7761B Datasheet HTML 21Page - Analog Devices ADE7761B Datasheet HTML 22Page - Analog Devices ADE7761B Datasheet HTML 23Page - Analog Devices ADE7761B Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADE7761B
Rev. 0 | Page 20 of 24
Missing Neutral Gain Calibration
Example
When the ADE7761B is in missing neutral mode, the energy is
billed based on the active current input signal level. The frequency
outputs in this mode can be calibrated with the MISCAL analog
input pin. In this mode, applying a dc voltage of 330 mV on
MISCAL is equivalent to applying, in normal mode, a pure sine
wave on the voltage input with a peak value of 330 mV. The
MISCAL input can vary from 0 V to 660 mV (see the Analog
Inputs section). When set to 0 V, the frequency outputs are
close to zero. When set to 660 mV dc, the frequency outputs are
twice that when MISCAL is at 330 mV dc. In other words,
Equation 7 can be used in missing neutral mode by replacing
V2rms by MISCALrms /√2.
In normal mode, ac voltages of ±330 mV peak are applied to
Channel V1 and Channel V2, and then the expected output
frequency on F1 and F2 is calculated as follows:
Gain
=1; PGA =0
F1–4
= 1.7 Hz, SCF = S1 = S0 = 0
V1
= rms of 330 mV peak ac = 0.33/√2 V
V2
= rms of 330 mV peak ac = 0.33/√2 V
VREF
= 2.5 V (nominal reference value)
Hz
0917
.
0
5
.
2
2
2
Hz
7
.
1
33
.
0
33
.
0
13
.
6
,
2
2
1
=
×
×
×
×
×
=
Frequency
F
F
2
2
1
2
/
1
13
.
6
,
REF
4
1
rms
rms
V
f
MISCAL
V
Gain
Frequency
F
F
−
×
×
×
×
=
(8)
CF Frequency
= F1, F2 Frequency × 64 = 5.87 Hz
In missing neutral mode, the ac voltage of ±330 mV peak is
applied to Channel V1, no signal is connected on Channel V2,
and a 330 mV dc input is applied to MISCAL. With the ADE7761B
in the same configuration as the previous example, the expected
output frequencies on CF, F1, and F2 are
where:
F1
, F2 Frequency is the output frequency on F1 and F2 (Hz).
Gain
is 1 or 16, depending on the PGA gain selection made
using Logic Input PGA.
V1rms
is the differential rms voltage signal on Channel V1 (V).
MISCALrms
is the differential rms voltage signal on the MISCAL
pin (V).
VREF
is the reference voltage (2.5 V ± 8%) (V).
f1-4
is one of four possible frequencies selected by using Logic
Input S0 and Logic Input S1 (see Table 6).
Hz
0917
.
0
5
.
2
2
Hz
7
.
1
2
/
33
.
0
33
.
0
13
.
6
,
2
=
×
×
×
×
=
Frequency
F
F
2
1
CF Frequency
= F1, F2 Frequency × 64 = 5.87 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com