Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7761B Datasheet(PDF) 19 Page - Analog Devices

Part # ADE7761B
Description  Energy Metering IC with On-Chip Fault and Missing Neutral Detection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7761B Datasheet(HTML) 19 Page - Analog Devices

Back Button ADE7761B Datasheet HTML 15Page - Analog Devices ADE7761B Datasheet HTML 16Page - Analog Devices ADE7761B Datasheet HTML 17Page - Analog Devices ADE7761B Datasheet HTML 18Page - Analog Devices ADE7761B Datasheet HTML 19Page - Analog Devices ADE7761B Datasheet HTML 20Page - Analog Devices ADE7761B Datasheet HTML 21Page - Analog Devices ADE7761B Datasheet HTML 22Page - Analog Devices ADE7761B Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADE7761B
Rev. 0 | Page 19 of 24
V1B
V1N
V1A
RF
RF
CF
CF
CT
CT
RB
RB
0V
V1A
1RB + VR = RF.
VR1
RB1
RA1
V2P
RF
V2N
CF
CF
LOAD
244V rms
POWER
GENERATOR
IB
Figure 31. Missing Neutral System Diagram
The ADE7761B detects a missing neutral condition by continu-
ously monitoring the voltage channel input (V2P − V2N). The
FAULT pin is held high when a missing neutral condition is
detected. In this mode, the ADE7761B continues to bill the energy
based on the signal level on the current channel (see Figure 32).
The billing rate or frequency outputs can be adjusted by changing
the dc level on the MISCAL pin.
V1A
V1N
V1B
MISSING NEUTRAL
GAIN ADJUSMTENT
DIGITAL-TO-
FREQUENCY
CONVERTERS
CF F1 F2
ZERO
CROSSING
DETECTION
A > B
B > A
A ≠ B
ADC
ADC
ADC
MISCAL
LPF
HPF
Figure 32. Energy Calculation in Missing Neutral Mode
Important Note for Billing of Active Energy
The ADE7761B provides pulse outputs, CF, F1, and F2, that are
intended to be used for the billing of active energy. Pulses are
generated at these outputs in two different situations.
Case 1
When the analog input V2P − V2N complies with the conditions
described in Figure 34, the CF, F1, and F2 frequencies are propor-
tional to active power and can be used to bill active energy.
Case 2
When the analog input V2P − V2N does not comply with the
conditions described in Figure 34, the ADE7761B does not
measure active energy but a quantity proportional to kAh. This
quantity is used to generate pulses on the same CF, F1, and F2.
This situation is indicated when the FAULT pin is high.
Analog Devices cautions users of the ADE7761B about the
following:
• Billing active energy in Case 1 is consistent with the under-
standing of the quantity represented by pulses on the CF, F1,
and F2 outputs (watthour).
• Billing active energy while the ADE7761B is in Case 2 must
be decided knowing that the entity measured by the ADE7761B
in this case is ampere-hour and not watthour. Users should
be aware of this limitation and decide if the ADE7761B is
appropriate for their application.
Missing Neutral Detection
The ADE7761B continuously monitors the voltage input and
detects a missing neutral condition when the voltage input peak
value is smaller than 9% of the analog full scale or when no zero
crossings are detected on this input (see Figure 33).
0V
FS
FS
0V
FS
9% OF FS
0V
FILTER AND
THRESHOLD
V2
V2P
V2N
AGND
ADC
MISSING
NEUTRAL
|V2|PEAK < 9% OF FULL SCALE
V2P – V2N
V2P – V2N
V2P – V2N
NO ZERO CROSSING ON V2
OR
Figure 33. Missing Neutral Detection
The ADE7761B leaves the missing neutral mode for normal
operation when both conditions are no longer valid; that is,
a voltage peak value of greater than 9% of full scale and zero
crossing on the voltage channel is detected (see Figure 34).
FILTER AND
THRESHOLD
V2
V2P
V2N
AGND
ADC
MISSING
NEUTRAL
|V2|PEAK > 9% OF FULL SCALE
AND
ZERO CROSSING ON V2
FS
+9% OF FS
–9% OF FS
V2P – V2N
Figure 34. Return to Normal Mode After Missing Neutral Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com