Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P142 Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM78P142
Description  8-Bit Microprocessor with OTP ROM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P142 Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM78P142 Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
EM78P142
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 01.25.2008
• 15
(This specification is subject to change without further notice)
Bit 0 (LVDWE):
Low Voltage Detect wake-up enable bit
0
= Disable Low Voltage Detect wake-up
1
= Enable Low Voltage Detect wake-up
When the Low Voltage Detect is used to enter an interrupt vector or to
wake-up the IC from sleep/idle with Low Voltage Detect running, the
LVDWE bit must be set to “Enable“.
6.1.15 RF (Interrupt Status 2 Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LPWTIF
HPWTIF
TCCCIF
TCCBIF
TCCAIF
“0”
ICIF
TCIF
Note:
1. “1” means there is interrupt request, “0”
2. RF can be cleared by instruction but cannot be set.
3. IOCF0 is the interrupt mask register.
4. Reading RF will result to “logic AND” of the RF and IOCF0
Bit 7 (LPWTIF):
Internal low-pulse width timer underflow interrupt flag for IR/PWM
function. Reset by software.
Bit 6 (HPWTIF):
Internal high-pulse width timer underflow interrupt flag for IR/PWM
function. Reset by software.
Bit 5 (TCCCIF):
TCCC overflow interrupt flag. Set when TCCC overflows. Reset by
software.
Bit 4 (TCCBIF):
TCCB overflow interrupt flag. Set when TCCB overflows. Reset by
software.
Bit 3 (TCCAIF):
TCCA overflow interrupt flag. Set when TCCA overflows. Reset by
software.
Bit 2:
This bit must be set to “0” all the time.
Bit 1 (ICIF):
Port 5 input status change interrupt flag. Set when Port 5 input
changes. Reset by software.
Bit 0 (TCIF):
TCC overflow interrupt flag. Set when TCC overflows. Reset by
software.
6.1.16 R10 ~ R3F
All of these are 8-bit general-purpose registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com