Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P142 Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78P142
Description  8-Bit Microprocessor with OTP ROM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P142 Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78P142 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 96 page
background image
EM78P142
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 01.25.2008
• 7
(This specification is subject to change without further notice)
6.1.3.1
Data Memory Configuration
Address
R Page Registers
IOCX0 Page Registers
00
R0
(Indirect Addressing Register)
Reserve
01
R1
(Timer Clock)
02
R2
(Program Counter)
Reserve
03
R3
(Status Register)
Reserve
04
R4
(RAM Select Register)
Reserve
05
R5
(Port 5)
IOC50
(I/O Port Control Register)
06
R6
(Port 6)
IOC60
(I/O Port Control Register)
07
R7
(Port 7)
IOC70
(I/O Port Control Register)
08
(ADC Input Select Register
09
0A
0B
IOCB0
(Pull-down Control
Register)
0C
0D
0E
0F
IOCF0
(Interrupt Mask Register 1)
10
︰
1F
General Registers
20
:
3F
Bank 0
Bank 1
IOCX1 Page Registers
IOC80
(TCCA Control Register)
IOC90
(TCCB and TCCC
Control Register)
IOCA0
(IR and TCCC Scale
Control Register)
IOCC0
(Open-drain Control
Register)
IOCD0
(Pull-high Control Register)
IOCE0
(WDT Control Register and
Interrupt Mask Register 2)
IOC51
(TCCA Timer)
IOC61
(TCCB LSB Timer)
IOC71 (TCCB HSB Timer)
IOC81 (TCCC Timer)
IOC91 (Low-Time Register)
IOCA1 (High-Time Register)
IOCB1
(High-Time and Low-Time
Scale Control Register)
Reserve
Reserve
Reserve
Reserve
Reserve
(LVD Control Register)
(High Output Sink Current)
(Pull-high Control Register)
(ADC Control Register)
(ADC Offset Calibration
Register)
(Converted value
AD11~AD4 of ADC)
(Converted value
AD11~AD8 of ADC)
(Converted value
AD7~AD0 of ADC)
(Interrupt Status 2 and
Wake-up Control Register
(Interrupt Status Register 1)
R9
RA
RD
RE
RF
RB
RC
R8
IOCC1
(TCC Prescaler Control)
IOCD1
IOCE1
IOCF1
Reserve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com