Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P142 Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EM78P142
Description  8-Bit Microprocessor with OTP ROM
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P142 Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EM78P142 Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P142 Datasheet HTML 43Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
EM78P142
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 01.25.2008
• 33
(This specification is subject to change without further notice)
6.5.1.1
Wake-up and Interrupt Modes Operation Summary
The controller can be awakened from sleep mode and idle mode. The wake-up signals are listed as
follows.
Wake-up
Signal
Sleep Mode
Idle Mode
Green Mode
Normal Mode
Port 5 pin
change
If enable ICWE bit
Wake-up + interrupt
(if interrupt is enabled)
+ next instruction
If enable ICWE bit
Wake-up + interrupt
(if interrupt is enabled)
+ next instruction
Interrupt
(if interrupt is enabled)
or next instruction
Interrupt
(if interrupt is enabled)
or next instruction
TCC overflow
interrupt
x
Wake-up + interrupt
(if interrupt is enabled)
+ next instruction
Interrupt
(if interrupt is enabled)
or next instruction
Interrupt
(if interrupt is enabled)
or next instruction
AD
conversion
complete
interrupt
If enable ADWE bit
Wake-up + interrupt
(if interrupt is enabled)
+ next instruction
Fs and Fm don’t stop
If enable ADWE bit
Wake-up + interrupt
(if interrupt is enabled)
+ next instruction
Fs and Fm don’t stop
×
Fs and Fm don’t stop
Interrupt
(if interrupt is enabled)
or next instruction
High-pulse
width timer
underflow
interrupt
x
Wake-up + interrupt
(if interrupt is enabled)
+ next instruction
Interrupt
(if interrupt is enabled)
or next instruction
Interrupt
(if interrupt is enabled)
or next instruction
Low-pulse
width timer
underflow
interrupt
x
Wake-up + interrupt
(if interrupt is enabled)
+ next instruction
Interrupt
(if interrupt is enabled)
or next instruction
Interrupt
(if interrupt is enabled)
or next instruction
TCCA
overflow
interrupt
x
Wake-up + interrupt
(if interrupt is enabled)
+ next instruction
Interrupt
(if interrupt is enabled)
or next instruction
Interrupt
(if interrupt is enabled)
or next instruction
TCCB
overflow
interrupt
x
Wake-up + interrupt
(if interrupt is enabled)
+ next instruction
Interrupt
(if interrupt is enabled)
or next instruction
Interrupt
(if interrupt is enabled)
or next instruction
TCCC
overflow
interrupt
x
Wake-up + interrupt
(if interrupt is enabled)
+ next instruction
Interrupt
(if interrupt is enabled)
or next instruction
Interrupt
(if interrupt is enabled)
or next instruction
Low Voltage
Detector
interrupt
If Enable LVDWE bit
Wake-up + interrupt
(if interrupt is enabled)
+ next instruction
If Enable LVDWE bit
Wake-up + interrupt
(if interrupt is enabled)
+ next instruction
Interrupt
(if interrupt is enabled)
or next instruction
Interrupt
(if interrupt is enabled)
or next instruction
WDT
Time out
Reset
Reset
Low Voltage
Reset
Reset
Reset
After wake up:
1. If interrupt is enabled → interrupt+ next instruction
2. If interrupt is disabled → next instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com