Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX64EBCF4845 Datasheet(PDF) 34 Page - Lattice Semiconductor

Part # LX64EBCF4845
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX64EBCF4845 Datasheet(HTML) 34 Page - Lattice Semiconductor

Back Button LX64EBCF4845 Datasheet HTML 30Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 31Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 32Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 33Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 34Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 35Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 36Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 37Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 38Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
34
tOPLGOi
Latch Gate to Output Delay
—
1.00
—
1.00
—
1.00
—
1.67
ns
tOPLHi
Latch Hold Time
0.80
—
0.80
—
0.80
—
1.33
—
ns
tOPLPDi
Latch Propagation Delay (Transparent
Mode)
—
0.30
—
0.30
—
0.30
—
0.50
ns
tOPLSi
Latch Setup Time (Global Gate)
1.20
—
1.20
—
1.20
—
2.00
—
ns
tOPLSi_PT
Latch Setup Time (Product Term Gate)
1.00
—
1.00
—
1.00
—
1.67
—
ns
tOPSi
Register Setup Time (Global Clock)
1.20
—
1.20
—
1.20
—
2.00
—
ns
tOPSi_PT
Register Setup Time (Product Term Clock)
1.00
—
1.00
—
1.00
—
1.67
—
ns
tOPSRPWi
Asynchronous Set/Reset Pulse Width
—
2.50
—
2.50
—
2.50
—
4.17
ns
Register/Latch Delays, Input Paths
tIPASROi
Asynchronous Set/Reset to Output
—
1.00
—
1.00
—
1.70
—
2.83
ns
tIPASRRi
Asynchronous Set/Reset Recovery
—
2.50
—
2.50
—
2.50
—
4.17
ns
tIPBYPASS
Register/Latch Bypass Delay
—
0.00
—
0.00
—
0.00
—
0.00
ns
tIPCEHi
Register Clock Enable Hold Time
1.30
—
1.30
—
1.30
—
2.17
—
ns
tIPCESi
Register Clock Enable Setup Time
(Global Clock Enable)
1.10
—
1.10
—
1.10
—
1.83
—
ns
tIPCESi_PT
Register Clock Enable Setup Time
(Product Term Clock Enable)
1.10
—
1.10
—
1.10
—
1.83
—
ns
tIPCOi
Register Clock to Output Delay
—
0.80
—
1.00
—
1.00
—
1.67
ns
tIPHi
Register Hold Time
0.00
—
0.00
—
0.00
—
0.00
—
ns
tIPLGOi
Latch Gate to Output Delay
—
1.00
—
1.00
—
1.00
—
1.67
ns
tIPLHi
Latch Hold Time
0.00
—
0.00
—
0.00
—
0.00
—
ns
tIPLPDi
Latch Propagation Delay (Transparent
Mode)
—
0.30
—
0.30
—
0.30
—
0.50
ns
tIPLSi
Latch Setup Time (Global Term)
1.50
—
1.50
—
1.50
—
2.50
—
ns
tIPLSi_PT
Latch Setup Time (Product Term Gate)
1.50
—
1.50
—
1.50
—
2.50
—
ns
tIPSi
Register Setup Time (Global Clock)
1.50
—
1.50
—
1.50
—
2.50
—
ns
tIPSi_PT
Register Setup Time (Product Term Clock)
1.50
—
1.50
—
1.50
—
2.50
—
ns
tIPSRPWi
Asynchronous Set/Reset Pulse Width
—
2.50
—
2.50
—
2.50
—
4.17
ns
OE Paths
tOEASROi
Asynchronous Set/Reset to Output
—
2.50
—
2.50
—
2.50
—
4.17
ns
tOEASRRi
Asynchronous Set/Reset Recovery
—
2.50
—
2.50
—
2.50
—
4.17
ns
tOEBYPASS
Register/Latch Bypass Delay
—
0.00
—
0.00
—
0.00
—
0.00
ns
tOECEHi
Register Clock Enable Hold Time
1.30
—
1.30
—
0.80
—
1.33
—
ns
tOECESi
Register Clock Enable Setup Time (Global
Clock Enable)
1.20
—
1.20
—
1.20
—
2.00
—
ns
tOECESi_PT
Register Clock Enable Setup Time
(Product Term Clock Enable)
1.50
—
1.50
—
2.10
—
3.50
—
ns
tOECOi
Register Clock to Output Delay
—
1.30
—
1.30
—
1.60
—
2.67
ns
tOEHi
Register Hold Time
0.40
—
0.40
—
0.40
—
0.67
—
ns
tOELGOi
Latch Gate to Output Delay
—
1.60
—
1.60
—
1.60
—
2.67
ns
tOELHi
Latch Hold Time
0.40
—
0.40
—
0.40
—
0.67
—
ns
tOELPDi
Latch Propagation Delay (Transparent
Mode)
—
0.30
—
0.30
—
0.30
—
0.50
ns
ispGDX2V/B/C, ispGDX2EV/EB/EC Internal Timing Parameters
1 (Continued)
Over Recommended Operating Conditions
Parameter
Description
-3
-32
-35
-5
Units
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com