Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX64EBCF4845 Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # LX64EBCF4845
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX64EBCF4845 Datasheet(HTML) 2 Page - Lattice Semiconductor

  LX64EBCF4845 Datasheet HTML 1Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 2Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 3Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 4Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 5Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 6Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 7Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 8Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
2
Figure 1. ispGDX2 Block Diagram (256-I/O Device)
Introduction
The ispGDX2™ family is Lattice’s second generation in-system programmable generic digital crosspoint switch for
high speed bus switching and interface applications.
The ispGDX2 family is available in two options. The standard device supports sysHSI capability for ultra fast serial
communications while the lower-cost “E-series” supports the same high-performance FPGA fabric without the
sysHSI Block.
This family of switches combines a flexible switching architecture with advanced sysIO interfaces including high
performance sysHSI Blocks, and sysCLOCK PLLs to meet the needs of the today’s high-speed systems. Through
a muliplexer-intensive architecture, the ispGDX2 facilitates a variety of common switching functions.
The availability of on-chip control logic further enhances the power of these devices. A high-performance solution,
the family supports bandwidth up to 38Gbps.
Every device in the family has a number of PLLs to provide the system designer with the ability to generate multiple
clocks and manage clock skews in their systems.
GDX Block
sysCLOCK
PLL
sysCLOCK
PLL
SERDES
sysIO Bank
sysIO Bank
sysIO Bank
sysIO Bank
SERDES
GDX Block
SERDES
GDX Block
SERDES
SERDES
SERDES
SERDES
SERDES
GDX Block
GDX Block
GDX Block
GDX Block
GDX Block
FIFO
FIFO
FIFO
FIFO
FIFO
FIFO
FIFO
FIFO
ISP & Boundary Scan
Test Port
sysHSI
Block
sysHSI
Block
sysHSI
Block
sysHSI
Block
sysCLOCK
PLL
sysCLOCK
PLL
Global Routing Pool
(GRP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com