Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX64EBCF4845 Datasheet(PDF) 49 Page - Lattice Semiconductor

Part # LX64EBCF4845
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX64EBCF4845 Datasheet(HTML) 49 Page - Lattice Semiconductor

Back Button LX64EBCF4845 Datasheet HTML 45Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 46Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 47Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 48Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 49Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 50Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 51Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 52Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 53Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
49
Switching Test Conditions
Figure 23 shows the output test load used for AC testing. Specific values for resistance, capacitance, voltage and
other test conditions are shown in Table 7.
Figure 23. Output Test Load, LVTTL and LVCMOS Standards (1.8V)
Table 7. Test Fixture Required Components
Test Condition
R1
R2
CL
Timing Ref.
VCCO
Default LVCMOS 1.8 I/O (L -> H, H -> L)
106
106
35pF
VCCO/2
1.8V
LVCMOS I/O (L -> H, H -> L)
—
—
35pF
LVCMOS3.3 = 1.5V
LVCMOS3.3 = 3.0V
LVCMOS2.5 = VCCO/2
LVCMOS2.5 = 2.3V
LVCMOS1.8 = VCCO/2
LVCMOS1.8 = 1.65V
Default LVCMOS 1.8 I/O (Z -> H)
—
106
35pF
VCCO/2
1.65V
Default LVCMOS 1.8 I/O (Z -> L)
106
—
35pF
VCCO/2
1.65V
Default LVCMOS 1.8 I/O (H -> Z)
—
106
5pF
VOH - 0.15
1.65V
Default LVCMOS 1.8 I/O (L -> Z)
106
—
5pF
VOL + 0.15
1.65V
Note: Output test conditions for all other interfaces are determined by the respective standards.
VCCO
R1
R2
CL*
Device
Output
Test
Point
*CL includes Test Fixture and Probe Capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com