Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS2931CS Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMS2931CS
Description  100mA LOW DROPOUT VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2931CS Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMS2931CS Datasheet HTML 1Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 2Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 3Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 4Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 5Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 6Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 7Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 8Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS2931
PIN CONNECTIONS
FIXED OUTPUT VOLTAGE
TO-92
Plastic Package (N)
8L SOIC
SO-Package (S)
TO-220 (T)
TO-263 (M)
OUTPUT
INPUT
GND
N/C
OUTPUT
N/C
INPUT
GROUND
GROUND
GROUND
GROUND
1
2
8
4
3
7
5
6
GND
OUTPUT
INPUT
TAB IS
GND
GND
INPUT
OUTPUT
Bottom View
Top View
Front View
Top View
ADJUSTABLE OUTPUT VOLTAGE
8L SOIC
SO-Package (S)
ON/OFF
OUTPUT
ADJ
INPUT
GROUND
GROUND
GROUND
GROUND
1
2
8
4
3
7
5
6
Top View
TYPICAL APPLICATIONS
AMS2931-X (Fixed Output)
AMS2931C (Adjustable Output)
AMS2931
V
IN
UNREGULATED
INPUT
V
OUT
REGULATED
OUTPUT
C2**
100
µF
C1*
0.1
µF
GND
I
Q
*Required if regulator is located far from power supply filter.
**C2 must be at least 100
µF to maintain stability; it can be increased
without bound to maintain regulation during transients and it should be
located as close as possible to the regulator. This capacitor must be rated
over the same operating temperature range like the regulator. The ESR
of this capacitor is critical (see curve).
R
2
ADJ
+
AMS2931
ADJUSTABLE
GND
C2**
100
µF
C1*
0.1
µF
OUT
OFF
ON
ON/OFF
R
1
28k
V
OUT
V
CC
R
3
51k
VOUT = VREF × ( R1+R2)/R1
Note: Using 27k for R1 will automatically compensate for errors in
VOUT due to the input bias current of the Adjust Pin ( approx. 1µA)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com