Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS2931CS Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # AMS2931CS
Description  100mA LOW DROPOUT VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2931CS Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  AMS2931CS Datasheet HTML 1Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 2Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 3Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 4Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 5Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 6Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 7Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 8Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS2931
TYPICAL PERFORMANCE CHARACTERISTICS
Line Transient Response
TIME (
µs)
C
2= 100 µF
015
30
45
0
3
-1
0
1
2
3
V
IN = VOUT = 9V
6.0
Low Voltage Behavior
2.0
3.0
4.0
5.0
INPUT VOLTAGE (V)
AMS2931-5.0
2.0
3.0
4.0
5.0
6.0
0
I
O = 100mA
010
20
0
600
400
200
Peak Output Current
30
INPUT VOLTAGE (V)
100
500
300
T
J = 85°C
T
J= 25°C
T
J = -40°C
040
80
0
0.6
0.4
0.2
Dropout Voltage
120
JUNCTION TEMPERATURE (° C)
0.1
0.5
0.3
I
O = 10mA
050
0
0.6
0.4
0.2
Dropout Voltage
100
OUTPUT CURRENT (mA)
0.1
0.5
0.3
-40
40
80
120
25
10
Quiescent Current
TEMPERATURE (° C)
15
2
0
0
030
60
0
30
20
10
Quiescent Current
90
OUTPUT CURRENT (mA)
5
25
15
-2
2
6
12
-20 -10
0
10
20
30
40
50
60
INPUT VOLTAGE (V)
Output at Voltage Extremes
0
4
10
8
AMS2931-5.0
R
L=500Ω
-2
~
~
~
~
~
~
-3
~
~
V
IN = 14V
20
3
1
Load Transient Response
TIME (
µs)
C
2= 100µF
015
30
45
0
150
-40
0
40
~
~
~
~
I
O = 50mA
I
O = 100mA
I
O = 50mA
I
O = 0mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com