Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS2931CS Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS2931CS
Description  100mA LOW DROPOUT VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2931CS Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS2931CS Datasheet HTML 1Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 2Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 3Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 4Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 5Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 6Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 7Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 8Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
Advanced
AMS2931
Monolithic
100mA LOW DROPOUT VOLTAGE REGULATOR
Systems
RoHS compliant
FEATURES
APPLICATIONS
• Fixed and Ajustable Versions Available
• Battery Powered Systems
• Output Current in excess of 100mA
• Portable Consumer Equipment
• Very Low Quiescent Current
• Cordless Telephones
• Reverse Battery Protection
• Portable (Notebook) Computers
• Input-output Differential less than 0.6V
• Portable Instrumentation
• Short Circuit protection
• Radio Control Systems
• Internal Thermal Overload Protection
• Automotive Electronics
• 60V Load Dump Protection
• -50V Reverse Transient Protection
• Mirror Image Insertion Protection
GENERAL DESCRIPTION
The AMS2931 series consists of positive fixed and adjustable voltage regulators ideally suited for use in battery-powered
systems. These devices feature very low quiescent current of 1mA or less when supplying 10mA loads. This unique
characteristic and the extremely low input -output differential required for proper regulation (0.2V for output currents of
10mA) make the AMS2931 ideal to use for standby power systems.
Originally designed for automotive applications, the AMS2931 and all regulated circuitry are protected from input fault
conditions caused by reverse battery installation or two battery jump starts. During line transients, such as load dump (60V)
when the input voltage to the regulator can momentarily exceed the specified maximum operating voltage, the regulator will
automatically shut down to protect both internal circuits and the load. The AMS2931 series also includes internal current
limiting, thermal shutdown, and is able to withstand temporary power-up with mirror-image insertion.
The AMS2931 is offered in the 3-pin TO-92 package, 8-pin plastic SOIC, TO-220 and TO-263 packages.
ORDERING INFORMATION
OUTPUT
PACKAGE TYPE
OPER. TEMP
VOLTAGE
TO-92
8 LEAD SOIC
TO-220
TO-263
RANGE
FIXED*
AMS2931AN-X
AMS2931AS-X
AMS2931AT-X
AMS2931AM-X
IND
AMS2931N-X
AMS2931S-X
AMS2931T-X
AMS2931M-X
IND
ADJ.
AMS2931CS
IND
X = 2.0V, 2.5V, 3.0V, 3.3V, 3.5V, 4.0V, 5.0V
*For additional available fixed voltages contact factory


Similar Part No. - AMS2931CS

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2931CS ADMOS-AMS2931CS Datasheet
81Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
AMS2931CS ADMOS-AMS2931CS Datasheet
100Kb / 9P
Battery Powered Systems
More results

Similar Description - AMS2931CS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
147Kb / 7P
100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931 Datasheet
81Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
100mA Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
100mA Low Dropout Voltage Regulator
logo
GTM CORPORATION
GLP2950 GTM-GLP2950 Datasheet
238Kb / 3P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Linear Dimensions Semic...
LND2931 LINEAR_DIMENSIONS-LND2931 Datasheet
125Kb / 5P
100mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
100mA Low-Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950_17 Datasheet
659Kb / 10P
100mA Low -Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com