Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC0380BTI3 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STPC0380BTI3
Description  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC0380BTI3 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STPC0380BTI3 Datasheet HTML 40Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 41Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 42Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 43Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 44Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 45Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 46Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 47Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
BOARD LAYOUT
44/51
Issue 1.2
When considering thermal dissipation, the most
important - and not the more obvious - part of the
layout is the connection between the ground balls
and the ground layer.
A 1-wire connection is shown in Figure 6-2. The
use of a 8-mil wire results in a thermal resistance
of 105
°C/W assuming copper is used (418 W/
m.
°K). This high value is due to the thickness (34
µm) of the copper on the external side of the PCB.
Considering only the central matrix of 36 thermal
balls and one via for each ball, the global thermal
resistance is 2.9
°C/W. This can be easily im-
proved by using four 10 mil wires to connect to the
four vias around the ground pad link as in Figure
6-3. This gives a total of 49 vias and a global resis-
tance for the 36 thermal balls of 0.6
°C/W.
The use of a ground plane like in Figure 6-4 is
even better.
To avoid solder wicking over to the via pads during
soldering, it is important to have a solder mask of
4 mil around the pad (NSMD pad), this gives a di-
ameter of 33 mil for a 25 mil ground pad.
To obtain the optimum ground layout, place the
vias directly under the ball pads. In this case no lo-
cal boar d distortion is tolerated.
The thickness of the copper on PCB layers is typ-
ically 34
µm for external layers and 17 µm for inter-
nal layers. This means thermal dissipation is not
good and temperature of the board is concentrat-
ed around the devices and falls quickly with in-
creased distance.
When it is possible to place a metal layer inside
the PCB, this improves dramatically the heat
spreading and hence thermal dissipation of the
board.
Figure 6-2. Recommended 1-wire ground pad layout
Figure 6-3. Recommended 4-wire ground pad layout
Solder Mask (4 mil)
Pad for ground ball (diameter = 25 mil)
Hole to ground layer (diameter = 12 mil)
Connection Wire (width = 10 mil)
Via (diameter = 24 mil)
1 mil = 0.0254 mm
4 via pads for each ground ball



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com