Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC0380BTI3 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STPC0380BTI3
Description  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC0380BTI3 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STPC0380BTI3 Datasheet HTML 43Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 44Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 45Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 46Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 47Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 48Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 49Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 50Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
ORDERING DATA
48/51
Issue 1.2
7. ORDERING DATA
7.1 Ordering Codes
ST
PC
C01
66
BT
C
3
STMicroelectronics
Prefix
Product Family
PC: PC Compatible
Product ID
C01: Consumer
Core Speed
66: 66MHz
75: 75MHz
80: 80MHz
10: 100MHz
Package
BT: 388 Overmoulded BGA
Temperature Range
C: Commercial
0to +70
°C
Tcase = 0 to +100
°C
I: Industrial
-40 to +85
°C
Tcase = -40 to +100
°C
Operating Voltage
3 : 3.3V
± 0.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com