Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPC0380BTI3 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STPC0380BTI3
Description  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC0380BTI3 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STPC0380BTI3 Datasheet HTML 43Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 44Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 45Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 46Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 47Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 48Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 49Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 50Page - STMicroelectronics STPC0380BTI3 Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
BOARD LAYOUT
47/51
Issue 1.2
6.2 HIGH SPEED SIGNALS
Some Interfaces of the STPC run at high speed
and have to be carefully routed or even shielded.
Here is the list of these interfaces, in decreasing
speed order:
- Memory Interface.
- Graphics and video interfaces
- PCI bus
- 14MHz oscillator stage
All the clocks have to be routed first and shielded
for speeds of 27MHz or more. The high speed sig-
nals have the same contrainsts as some of the
memory interface control signals.
The next interfaces to be routed are Memory, Vid-
eo/graphics, and PCI.
All the analog noise sensitive signals have to be
routed in a separate area and hence can be rout-
ed indepedently.
Figure 6-8. Shielding signals
ground ring
ground pad
shielded signal line
ground pad
shielded signal lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com