Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS0520M Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS0520M
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS0520M Datasheet(HTML) 1 Page - STMicroelectronics

  STPS0520M Datasheet HTML 1Page - STMicroelectronics STPS0520M Datasheet HTML 2Page - STMicroelectronics STPS0520M Datasheet HTML 3Page - STMicroelectronics STPS0520M Datasheet HTML 4Page - STMicroelectronics STPS0520M Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
STPS0520M
®
July 2003 - Ed : 2A
LOW DROP POWER SCHOTTKY RECTIFIER
s
VERY SMALL CONDUCTION LOSSES
s
NEGLIGIBLE SWITCHING LOSSES
s
EXTREMELY FAST SWITCHING
s
LOW
FORWARD
VOLTAGE
DROP
FOR
HIGHER
EFFICIENCY
&
EXTENDED
BATTERY LIFE
s
LOW THERMAL RESISTANCE
s
AVALANCHE CAPABILITY SPECIFIED
FEATURES AND BENEFITS
Single Schottky rectifier suited for switch mode
power supplies and high frequency DC to DC
converters.
Packaged in ST Mite, this device is intended for
use in low voltage, high frequency inverters, free
wheeling and polarity protection applications. Due
to the small size of the package this device fits
battery powered equipment (cellular, notebook,
PDA’s, printers) as well chargers and PCMCIA
cards.
DESCRIPTION
ST Mite
(DO-216AA)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
20
V
IF(RMS)
RMS forward current
2
A
IF(AV)
Average forward current
Tc = 140°C
δ = 0.5
0.5
A
IFSM
Surge non repetitive forward
current
10 ms sinusoidal
5.5
A
PARM
Repetitive peak avalanche power
tp = 1µs
Tj = 25°C
1400
W
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature*
150
°C
dV/dt
Critical rate of rise of reverse voltage (rated Vr, Tj = 25°C)
10000
V/µs
ABSOLUTE RATINGS (limiting values)
A
C
IF(AV)
0.5 A
VRRM
20 V
Tj (max)
150°C
VF (max)
0.30 V
MAIN PRODUCT CHARACTERISTICS
*:
dPtot
dTj
Rth j
a
<
1
()
thermal runaway condition for a diode on its own heatsink


Similar Part No. - STPS0520M

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
STPS05200Z ZSELEC-STPS05200Z Datasheet
148Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
STMicroelectronics
STPS0520Z STMICROELECTRONICS-STPS0520Z Datasheet
227Kb / 5P
SCHOTTKY RECTIFIERS
Jan-2002
logo
Zibo Seno Electronic En...
STPS0520Z ZSELEC-STPS0520Z Datasheet
148Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
STMicroelectronics
STPS0520Z STMICROELECTRONICS-STPS0520Z Datasheet
230Kb / 5P
SCHOTTKY RECTIFIERS
Jan-2002
STPS0520Z10K STMICROELECTRONICS-STPS0520Z10K Datasheet
227Kb / 5P
SCHOTTKY RECTIFIERS
Jan-2002
More results

Similar Description - STPS0520M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com