Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS0520M Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS0520M
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS0520M Datasheet(HTML) 5 Page - STMicroelectronics

  STPS0520M Datasheet HTML 1Page - STMicroelectronics STPS0520M Datasheet HTML 2Page - STMicroelectronics STPS0520M Datasheet HTML 3Page - STMicroelectronics STPS0520M Datasheet HTML 4Page - STMicroelectronics STPS0520M Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
STPS0520M
5/5
PACKAGE MECHANICAL DATA
ST Mite
C
L2
L
A1
R1
R
0° to 6°
b
H
b2
D
L3
A
E
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ. Max. Min.
Typ. Max.
A
0.85
1.00
1.15 0.033 0.039 0.045
A1
0.10
0.004
b
0.40
0.65 0.016
0.025
b2
0.70
1.00 0.027
0.039
c
0.10
0.25 0.004
0.010
D
1.75
1.90
2.05 0.069 0.075 0.081
E
1.75
1.90
2.05 0.069 0.075 0.081
H
3.60
3.75
3.90 0.142 0.148 0.154
L
0.50
0.63
0.80 0.047 0.025 0.031
L2
1.20
1.35
1.50 0.047 0.053 0.059
L3
0.50 ref (Typ.)
0.019 ref (Typ.)
R
0.07
0.003
R1
0.07
0.003
Note:
The anode is connected to the longer tab
2.67
2.54
0.762
1.27
0.635
FOOTPRINT (dimensions in mm)
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written
approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2003 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
Type
Marking
Package
Weight
Base qty
Delivery mode
STPS0520M
052
ST Mite
15.5 mg
12000
Tape & reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com