Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS0520M Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS0520M
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS0520M Datasheet(HTML) 4 Page - STMicroelectronics

  STPS0520M Datasheet HTML 1Page - STMicroelectronics STPS0520M Datasheet HTML 2Page - STMicroelectronics STPS0520M Datasheet HTML 3Page - STMicroelectronics STPS0520M Datasheet HTML 4Page - STMicroelectronics STPS0520M Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
STPS0520M
4/5
10
100
1000
1
10
100
V (V)
R
F=1MHz
V
osc=30mV
Tj=25°C
C(pF)
Fig. 9: Junction capacitance versus reverse
voltage applied (typical values).
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
V
(V)
FM
T
j=25°C
(Maximum values)
T
j=100°C
(Maximum values)
T
j=100°C
(Maximum values)
T
j=100°C
(Typical values)
T
j=100°C
(Typical values)
I
(A)
FM
Fig. 10: Forward voltage drop versus forward
current.
0
50
100
150
200
250
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
S(cm²)
P=0.6W
R
(°C/W)
th(j-a)
Fig. 11: Thermal resistance junction to ambient
versus copper surface under tab (epoxy printed
board FR4, Cu = 35µm, typical values).
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
2
4
6
8
1012
1416
1820
V (V)
R
T
j=150°C
T
j=125°C
T
j=25°C
T
j=100°C
T
j=75°C
T
j=50°C
I (mA)
R
Fig. 7: Reverse leakage current versus reverse
voltage applied (typical values).
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
25
50
75
100
125
150
Tj(°C)
V
R=20V
I (mA)
R
Fig. 8: Reverse leakage current versus junction
temperature (typical values).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com