Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5986A Datasheet(PDF) 10 Page - STMicroelectronics

Part # L5986A
Description  2.5 A step-down switching regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5986A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L5986A Datasheet HTML 6Page - STMicroelectronics L5986A Datasheet HTML 7Page - STMicroelectronics L5986A Datasheet HTML 8Page - STMicroelectronics L5986A Datasheet HTML 9Page - STMicroelectronics L5986A Datasheet HTML 10Page - STMicroelectronics L5986A Datasheet HTML 11Page - STMicroelectronics L5986A Datasheet HTML 12Page - STMicroelectronics L5986A Datasheet HTML 13Page - STMicroelectronics L5986A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Functional description
L5986 - L5986A
10/39
5.2
Soft-start
The soft-start is essential to assure correct and safe start up of the step-down converter. It
avoids inrush current surge and makes the output voltage increases monothonically.
The soft-start is performed by a staircase ramp on the non-inverting input (VREF) of the Error
Amplifier. So the output voltage slew rate is:
Equation 1
where SRVREF is the slew rate of the non-inverting input, while R1and R2 is the resistor
divider to regulate the output voltage (see Figure 6). The soft-start stair case consists of 64
steps of 9.5mV each one, from 0 V to 0.6 V. The time base of one step is of 32 clock cycles.
So the soft-start time and then the output voltage slew rate depend on the switching
frequency.
Figure 6.
Soft-start scheme
Soft-start time results:
Equation 2
For example with a switching frequency of 250 kHz the SSTIME is 8 ms.
SR
OUT
SR
VREF
1
R1
R2
--------
+
⎝⎠
⎛⎞
⋅
=
SS
TIME
32 64
⋅
Fsw
-----------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com