Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5986A Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5986A
Description  2.5 A step-down switching regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5986A Datasheet(HTML) 1 Page - STMicroelectronics

  L5986A Datasheet HTML 1Page - STMicroelectronics L5986A Datasheet HTML 2Page - STMicroelectronics L5986A Datasheet HTML 3Page - STMicroelectronics L5986A Datasheet HTML 4Page - STMicroelectronics L5986A Datasheet HTML 5Page - STMicroelectronics L5986A Datasheet HTML 6Page - STMicroelectronics L5986A Datasheet HTML 7Page - STMicroelectronics L5986A Datasheet HTML 8Page - STMicroelectronics L5986A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation.
Details are subject to change without notice.
August 2008
Rev 1
1/39
39
L5986
2.5 A step-down switching regulator
Features
■ 2.5 A DC output current
■ 2.9 V to 18 V input voltage
■ Output voltage adjustable from 0.6 V
■ 250 kHz switching frequency, programmable
up to 1 MHz
■ Internal soft-start and inhibit
■ Low dropout operation: 100 % duty cycle
■ Voltage feed-forward
■ Zero load current operation
■ Over current and thermal protection
■ VFQFPN3x3-8L and HSOP8 package
Application
Consumer:
STB, DVD, DVD recorder, car audio, LCD TV
and monitors
Industrial:
PLD, PLA, FPGA, chargers
Networking: XDSL, modems, DC-DC modules
Computer:
Optical storage, hard disk drive, printers,
audio/graphic cards
LED driving
Description
The L5986 is a step down switching regulator with
3.0 A (minimum) current limited embedded power
MOSFET, so it is able to deliver up to 2.5 A
current to the load depending on the application
conditions.
The input voltage can range from 2.9 V to 18 V,
while the output voltage can be set starting from
0.6 V to VIN. Having a minimum input voltage of
2.9 V, the device is suitable also for 3.3 V bus.
Requiring a minimum set of external components,
the device includes an internal 250 kHz switching
frequency oscillator that can be externally
adjusted up to 1 MHz.
The QFN and the HSOP packages with exposed
pad allow reducing the RthJA down to 60 °C/W
and 40 °C/W respectively.
HSOP8 exposed pad
VFQFPN8 3x3 mm
www.st.com
Figure 1.
Application circuit


Similar Part No. - L5986A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5980 STMICROELECTRONICS-L5980 Datasheet
1Mb / 37P
0.7A step-down switching regulator
18-Oct-2007
L5980 STMICROELECTRONICS-L5980 Datasheet
1Mb / 37P
0.7 A step-down switching regulator
09-Sep-2008
L5980 STMICROELECTRONICS-L5980 Datasheet
1Mb / 37P
0.7 A step-down switching regulator
09-Sep-2008
L5980TR STMICROELECTRONICS-L5980TR Datasheet
1Mb / 37P
0.7A step-down switching regulator
18-Oct-2007
L5980TR STMICROELECTRONICS-L5980TR Datasheet
1Mb / 37P
0.7 A step-down switching regulator
09-Sep-2008
More results

Similar Description - L5986A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5987 STMICROELECTRONICS-L5987 Datasheet
1Mb / 42P
3 A step-down switching regulator
29-Aug-2008
L5973D STMICROELECTRONICS-L5973D_08 Datasheet
299Kb / 17P
2.5 A switch step down switching regulator
07-Jan-2008
L5980 STMICROELECTRONICS-L5980_08 Datasheet
1Mb / 37P
0.7 A step-down switching regulator
09-Sep-2008
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
1 A step-down switching regulator
09-Sep-2008
L5983 STMICROELECTRONICS-L5983_08 Datasheet
966Kb / 37P
1.5 A step-down switching regulator
16-Sep-2008
logo
ON Semiconductor
LM2594 ONSEMI-LM2594 Datasheet
560Kb / 25P
0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
logo
STMicroelectronics
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
3 A step-down switching regulator
16-Oct-2012
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
3 A step-down switching regulator
01-Jul-2010
E-L293DD STMICROELECTRONICS-E-L293DD Datasheet
298Kb / 17P
2.5 A switch step down switching regulator
07-Jan-2008
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com