Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5986A Datasheet(PDF) 3 Page - STMicroelectronics

Part # L5986A
Description  2.5 A step-down switching regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5986A Datasheet(HTML) 3 Page - STMicroelectronics

  L5986A Datasheet HTML 1Page - STMicroelectronics L5986A Datasheet HTML 2Page - STMicroelectronics L5986A Datasheet HTML 3Page - STMicroelectronics L5986A Datasheet HTML 4Page - STMicroelectronics L5986A Datasheet HTML 5Page - STMicroelectronics L5986A Datasheet HTML 6Page - STMicroelectronics L5986A Datasheet HTML 7Page - STMicroelectronics L5986A Datasheet HTML 8Page - STMicroelectronics L5986A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
L5986 - L5986A
Pin settings
3/39
1
Pin settings
1.1
Pin connection
Figure 1.
Pin connection (top view)
1.2
Pin description
OUT
SYNCH
INH
COMP
V
CC
GND
FSW
FB
OUT
SYNCH
INH
COMP
V
CC
GND
FSW
FB
Table 1.
Pin description
N.
Type
Description
1
OUT
Regulator output
2
SYNCH
Master/slave synchronization. When it is left floating, a signal with a
phase shift of half a period respect to the power turn on is present at the
pin. When connected to an external signal at a frequency higher than the
internal one, then the device is synchronized by the external signal, with
zero phase shift.
Connecting together the SYNCH pin of two devices, the one with higher
frequency works as master and the other one as slave; so the two
powers turn on have a phase shift of half a period.
3INH
A logical signal (active high) disable the device. With INH higher than
1.9 V the device is OFF and with INH lower than 0.6 V the device is ON.
4
COMP
Error amplifier output to be used for loop frequency compensation
5FB
Feedback input. Connecting the output voltage directly to this pin the
output voltage is regulated at 0.6 V. To have higher regulated voltages an
external resistor divider is required from Vout to FB pin.
6FSW
The switching frequency can be increased connecting an external
resistor from FSW pin and ground. If this pin is left floating the device
works at its free-running frequency of 250 kHz.
7
GND
Ground
8VCC
Unregulated DC input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com