Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5987TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # L5987TR
Description  3 A step-down switching regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5987TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L5987TR Datasheet HTML 11Page - STMicroelectronics L5987TR Datasheet HTML 12Page - STMicroelectronics L5987TR Datasheet HTML 13Page - STMicroelectronics L5987TR Datasheet HTML 14Page - STMicroelectronics L5987TR Datasheet HTML 15Page - STMicroelectronics L5987TR Datasheet HTML 16Page - STMicroelectronics L5987TR Datasheet HTML 17Page - STMicroelectronics L5987TR Datasheet HTML 18Page - STMicroelectronics L5987TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
L5987 - L5987A
Functional description
15/42
5.7
Maximum DC output current L5987A (HSOP8)
The L5987A can manage DC output currents up to 3 A and the rated RMS current of its
internal power switch is 3 A. So the L5987A can deliver 3 A with 100 % of duty cycle.
5.8
Maximum DC output current L5987 (VFQFPN)
The L5987 can manage DC output currents up to 3 A. However the rated RMS current of its
internal power switch is 2.5 A.
Since the current flows through the integrated power element only during the on time, the
RMS value is given by:
Equation 3
Where D is the duty cycle (VO/VIN).
Considering IO = 3 A, the maximum duty cycle that can be managed is:
Equation 4
In Figure 8 the maximum DC output current is reported as a function of the duty cycle. For
duty cycles lower than 69 %, the RMS current does not limit the maximum DC output current
of 3 A. For duty cycles higher than the 69 % the maximum DC output current is limited by
the RMS current to:
Equation 5
In order to have a more accurate calculation of the maximum DC output current, the
complete expression for the duty cycle can be adopted, considering the voltage drop across
the power MOSFET, the series resistance of the inductor and the forward voltage of the
rectification diode. The duty cycle results:
Equation 6
where IO is the desired DC output current.
For example with VIN = 5 V, VOUT = 3.3 V, IO = 2.6 A, RDS(on) = 220 mΩ, VF = 0.35 V and
DCR = 30 m
Ω, the duty results D = 78 %, so according to Equation 5 the maximum DC
output current is 2.83 A, which is higher than desired current.
I
RMS
I
O
D
⋅
=
D
I
RMS
2
I
O
2
------------
69%
==
I
OMAX
,
2.5
D
--------
=
A
[]
if D
69%
≥
D
V
OUT
V
F
DCR I
O
⋅
++
V
IN
V
F
R
DSON
I
O
⋅
–
+
----------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com