Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5987TR Datasheet(PDF) 16 Page - STMicroelectronics

Part # L5987TR
Description  3 A step-down switching regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5987TR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L5987TR Datasheet HTML 12Page - STMicroelectronics L5987TR Datasheet HTML 13Page - STMicroelectronics L5987TR Datasheet HTML 14Page - STMicroelectronics L5987TR Datasheet HTML 15Page - STMicroelectronics L5987TR Datasheet HTML 16Page - STMicroelectronics L5987TR Datasheet HTML 17Page - STMicroelectronics L5987TR Datasheet HTML 18Page - STMicroelectronics L5987TR Datasheet HTML 19Page - STMicroelectronics L5987TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Functional description
L5987 - L5987A
16/42
With VIN = 3.3 V, VOUT = 1.8 V, IO = 2.7 A, RDS(on) = 220 mΩ, VF = 0.35 V and DCR = 30 mΩ,
the duty is D = 73 %, so the maximum DC output current results 2.926 A, higher than the
desired current.
Figure 8.
Maximum DC output current for VQFN package vs duty cycle. For duty
cycles lower than 69 %, the RMS current does not limit the maximum DC
output current of 3 A. For duty cycles higher than the 69 % the maximum DC
output current is limited by the RMS current (see Equation 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com