Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5987TR Datasheet(PDF) 27 Page - STMicroelectronics

Part # L5987TR
Description  3 A step-down switching regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5987TR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L5987TR Datasheet HTML 23Page - STMicroelectronics L5987TR Datasheet HTML 24Page - STMicroelectronics L5987TR Datasheet HTML 25Page - STMicroelectronics L5987TR Datasheet HTML 26Page - STMicroelectronics L5987TR Datasheet HTML 27Page - STMicroelectronics L5987TR Datasheet HTML 28Page - STMicroelectronics L5987TR Datasheet HTML 29Page - STMicroelectronics L5987TR Datasheet HTML 30Page - STMicroelectronics L5987TR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
L5987 - L5987A
Application information
27/42
Figure 14.
Open loop gain: module bode diagram
The guidelines for positioning the poles and the zeroes and for calculating the component
values can be summarized as follow:
1.
Choose a value for R1, usually between 1k and 5k, in order to have values of C4 and
C5 not comparable with parasitic capacitance of the board.
2.
Choose a gain (R4/R1) in order to have the required bandwidth (BW), that means:
Equation 26
Where fESR is the ESR zero:
Equation 27
and Vs is the saw-tooth amplitude. The voltage feed forward keeps the ratio Vs/Vin constant.
3.
Calculate C4 by placing the zero one decade below the output filter double pole:
Equation 28
4.
Then calculate C3 in order to place the second pole at four times the system bandwidth
(BW):
R
4
f
ESR
f
LC
------------
⎝⎠
⎛⎞
2
BW
f
ESR
------------
V
S
V
IN
--------- R
1
⋅⋅
⋅
=
f
ESR
1
2
π ESR C
OUT
⋅⋅
--------------------------------------------
=
C
4
10
2
π R
4
f
LC
⋅⋅
-------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com