Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6728ATR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6728ATR
Description  High frequency single phase PWM controller with Power Good
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728ATR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6728ATR Datasheet HTML 9Page - STMicroelectronics L6728ATR Datasheet HTML 10Page - STMicroelectronics L6728ATR Datasheet HTML 11Page - STMicroelectronics L6728ATR Datasheet HTML 12Page - STMicroelectronics L6728ATR Datasheet HTML 13Page - STMicroelectronics L6728ATR Datasheet HTML 14Page - STMicroelectronics L6728ATR Datasheet HTML 15Page - STMicroelectronics L6728ATR Datasheet HTML 16Page - STMicroelectronics L6728ATR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
L6728A
Output voltage setting and protections
13/32
8
Output voltage setting and protections
L6728A is capable to precisely regulate an output voltage as low as 0.8 V. In fact, the device
comes with a fixed 0.8 V internal reference that guarantee the output regulated voltage to be
within ±1% tolerance over line and temperature variations (excluding output resistor divider
tolerance, when present).
Output voltage higher than 0.8 V can be easily achieved by adding a resistor ROS between
FB pin and ground. Referring to Figure 1, the steady state DC output voltage will be:
where VREF is 0.8 V.
L6728A monitors the voltage at VSEN pin and compares it to internal reference voltage in
order to provide under voltage and overvoltage protections as well as PGOOD signal.
According to the level of VSEN, different actions are performed from the controller:
●
PGOOD
If the voltage monitored through VSEN exits from the PGOOD window limits, the device
de-asserts the PGOOD signal still continuing switching and regulating. PGOOD is
asserted at the end of the soft-start phase.
●
Under voltage protection
If the voltage at VSEN pin drops below UV threshold, the device turns off both HS and
LS MOSFETs, latching the condition. Cycle VCC to recover.
●
Overvoltage protection
If the voltage at VSEN pin rises over OV threshold (1 V typ), overvoltage protection
turns off HS MOSFET and turns on LS MOSFET. The LS MOSFET will be turned off as
soon as VSEN goes below VREF/2 (0.4 V). The condition is latched, cycle VCC to
recover. Notice that, even if the device is latched, the device still controls the LS
MOSFET and can switch it on whenever VSEN rises above 0.4V.
●
Feedback disconnection protection
In order to provide load protection even if VSEN pin is not connected, a 100 nA bias
current is always sourced from this pin. If VSEN pin is not connected, this current will
permanently pull it up causing the device to detect an OV: thus LS will be latched on
preventing output voltage from rising out of control.
V
OUT
V
REF
1
R
FB
R
OS
-----------
+
⎝⎠
⎛⎞
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com