Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6728ATR Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6728ATR
Description  High frequency single phase PWM controller with Power Good
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728ATR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6728ATR Datasheet HTML 18Page - STMicroelectronics L6728ATR Datasheet HTML 19Page - STMicroelectronics L6728ATR Datasheet HTML 20Page - STMicroelectronics L6728ATR Datasheet HTML 21Page - STMicroelectronics L6728ATR Datasheet HTML 22Page - STMicroelectronics L6728ATR Datasheet HTML 23Page - STMicroelectronics L6728ATR Datasheet HTML 24Page - STMicroelectronics L6728ATR Datasheet HTML 25Page - STMicroelectronics L6728ATR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
L6728A
20 A demonstration board
22/32
Table 6.
20A demonstration board - bill of material (common components)
Qty
Reference
Description
Package
Capacitors
2C1, C2
Electrolytic capacitor 1800
μF 16 V
Sanyo P/N 16ME1800WG
Radial 10 x 23 mm
1C10
MLCC, 100 nF, 50 V, X7R
Murata GRM188R71H104K
SMD0603
3
C11 to C13
MLCC, 4.7
μF, 16 V, X7R
Murata GRM31CR71C475K
SMD1206
2C14, C38
MLCC, 1
μF, 16 V, X7R
Murata GRM21BR71C105K
SMD0805
48
C3 to C9, C15 to C20, C39 to
C59, C36, C37, C21 to C23,
C25 to C29, C31 to C34
Not mounted
na
1C30
POSCAP 470
μF, 6.3 V, 10 mΩ
Sanyo P/N 6TPD470M
SMD1206
1C24
MLCC, 47 nF, 50 V, X7R
Murata GRM188R71H473K
SMD0603
1C35
MLCC, 100 pF, 50 V, X7R
Murata GRM188R71H101K
Resistors
4
R1, R2, R20, R17
Resistor, 2R2, 1/16W, 1%
SMD0603
5
R3, R5, R11, R12, R16
Resistor, 0R, 1/8W, 1%
SMD0805
5
R4, R10, R14, R15, R21
Not mounted
na
1
R19
Resistor, 22 K, 1/16W, 1%
SMD0603
1
R18
Resistor, 18 K, 1/16W, 1%
Inductor
1L1
Wurth SMD power inductor
670 nH - 1.75 m
Ω - 40 A
P/N 744-315-067
na
1
L2
Not mounted
Active components
1
D1
Diode, 1N4148
SOT23
5
Q1 to Q4, Q8
Not mounted
na
1
Q5
STD70NH02L
DPACK
1
Q7
STD95NH02L
1
U1
Controller, L6728A
VFQFPN10,
3x3 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com