Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6728ATR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6728ATR
Description  High frequency single phase PWM controller with Power Good
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728ATR Datasheet(HTML) 5 Page - STMicroelectronics

  L6728ATR Datasheet HTML 1Page - STMicroelectronics L6728ATR Datasheet HTML 2Page - STMicroelectronics L6728ATR Datasheet HTML 3Page - STMicroelectronics L6728ATR Datasheet HTML 4Page - STMicroelectronics L6728ATR Datasheet HTML 5Page - STMicroelectronics L6728ATR Datasheet HTML 6Page - STMicroelectronics L6728ATR Datasheet HTML 7Page - STMicroelectronics L6728ATR Datasheet HTML 8Page - STMicroelectronics L6728ATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
L6728A
Pins description and connection diagrams
5/32
2
Pins description and connection diagrams
Figure 3.
Pins connection (top view)
2.1
Pin descriptions
1
2
3
4
VCC
COMP / DIS
FB
PGOOD
GND
PHASE
BOOT
9
6
7
8
L6728A
UGATE
LGATE / OC
VSEN
5
10
Table 2.
Pin description
Pin #
Name
Function
1BOOT
HS driver supply.
Connect through a capacitor (100 nF) to the floating node (LS-Drain) pin
and provide necessary bootstrap diode from VCC.
2
PHASE
HS driver return path, current-reading and adaptive-dead-time monitor.
Connect to the LS drain to sense RDS(on) drop to measure the output
current. This pin is also used by the adaptive-dead-time control circuitry to
monitor when HS MOSFET is OFF.
3
UGATE
HS driver output. Connect directly to HS MOSFET gate.
4
LGATE / OC
LGATE. LS driver output. Connect directly to LS MOSFET gate.
OC over-current threshold set. During a short period of time following VCC
rising over UVLO threshold, a 10
μA current is sourced from this pin.
Connect to GND with an ROCSET resistor greater than 5 kΩ to program OC
Threshold. The resulting voltage at this pin is sampled and held internally
as the OC set point. Maximum programmable OC threshold is 0.55 V. A
voltage greater than 0.6 V activates an internal clamp and causes OC
threshold to be set at the maximum value.
5GND
All internal references, logic and drivers are connected to this pin.
Connect to the PCB ground plane.
6VCC
Device and Drivers power supply.
Operative range from 5 V to 12 V. Filter with at least 1
μF MLCC to GND.
7
COMP / DIS
COMP. Error amplifier output. Connect with an RF - CF // CP to FB to
compensate the device control loop.
DIS. The device can be disabled by pushing this pin lower than 0.75 V (typ).
Setting free the pin, the device enables again.
8FB
Error amplifier inverting input.
Connect with a resistor RFB to the output regulated voltage. Output resistor
divider may be used to regulate voltages higher than the reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com