Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER28LN Datasheet(PDF) 1 Page - STMicroelectronics

Part # VIPER28LN
Description  Off-line high voltage converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER28LN Datasheet(HTML) 1 Page - STMicroelectronics

  VIPER28LN Datasheet HTML 1Page - STMicroelectronics VIPER28LN Datasheet HTML 2Page - STMicroelectronics VIPER28LN Datasheet HTML 3Page - STMicroelectronics VIPER28LN Datasheet HTML 4Page - STMicroelectronics VIPER28LN Datasheet HTML 5Page - STMicroelectronics VIPER28LN Datasheet HTML 6Page - STMicroelectronics VIPER28LN Datasheet HTML 7Page - STMicroelectronics VIPER28LN Datasheet HTML 8Page - STMicroelectronics VIPER28LN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
September 2008
Rev 1
1/29
29
VIPER28
Off-line high voltage converters
Features
■ 800 V avalanche rugged power section
■ PWM operation with frequency jittering for low
EMI
■ Operating frequency:
– 60 kHz for L type
– 115 kHz for H type
■ Standby power < 50 mW at 265 Vac
■ Limiting current with adjustable set point
■ Adjustable and accurate over-voltage
protection
■ On-board soft-start
■ Safe auto-restart after a fault condition
■ Hysteretic thermal shutdown
■ Delayed overload protection
Application
■ Auxiliary power supply for consumer and home
equipment
■ ATX auxiliary power supply
■ Low / medium power AC-DC adapters
■ SMPS for set-top boxes, DVD players and
recorders, white goods
Description
The device is an off-line converter with an 800 V
rugged power section, a PWM control, two levels
of over-current protection, over-voltage and
overload protections, hysteretic thermal
protection, soft-start and safe auto-restart after
any fault condition removal. Burst mode operation
and device very low consumption helps to meet
the standby energy saving regulations. Advance
frequency jittering reduces EMI filter cost. The
extra power timer allows the management of
output peak power for a designed time window.
The high voltage start-up circuit is embedded in
the device.
Figure 1.
Typical topology
DIP-7
DIP-7
DC input high voltage
wide range
-
+
DC Output voltage
-
+
VIPER28
DRAIN DRAIN
EPT
VDD
CONT
FB
GND
Table 1.
Device summary
Order codes
Package
Packaging
VIPER28LN
DIP-7
Tube
VIPER28HN
www.st.com


Similar Part No. - VIPER28LN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER28LN STMICROELECTRONICS-VIPER28LN Datasheet
1Mb / 32P
Off-line high voltage converters
08-Jan-2013
More results

Similar Description - VIPER28LN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33363 ONSEMI-MC33363 Datasheet
399Kb / 12P
HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
REV 3
MC33363A ONSEMI-MC33363A Datasheet
399Kb / 12P
HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1998 REV 1
logo
STMicroelectronics
VIPER17 STMICROELECTRONICS-VIPER17 Datasheet
1Mb / 31P
Off-line high voltage converters
19-Feb-2008
VIPER17_0810 STMICROELECTRONICS-VIPER17_0810 Datasheet
1Mb / 33P
Off-line high voltage converters
30-Sep-2008
VIPER27LN STMICROELECTRONICS-VIPER27LN Datasheet
1Mb / 31P
Off-line high voltage converters
30-Jul-2010
VIPER28HDTR STMICROELECTRONICS-VIPER28HDTR Datasheet
1Mb / 32P
Off-line high voltage converters
08-Jan-2013
VIPER25LN STMICROELECTRONICS-VIPER25LN Datasheet
1Mb / 40P
Off-line high voltage converters
21-Jul-2010
VIPER25HN STMICROELECTRONICS-VIPER25HN Datasheet
1Mb / 40P
Off-line high voltage converters
21-Jul-2010
VIPER15 STMICROELECTRONICS-VIPER15 Datasheet
1Mb / 40P
Off-line high voltage converters
27-Aug-2010
VIPER27 STMICROELECTRONICS-VIPER27 Datasheet
1Mb / 31P
Off-line high voltage converters
July 2010 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com