Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER28LN Datasheet(PDF) 5 Page - STMicroelectronics

Part # VIPER28LN
Description  Off-line high voltage converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER28LN Datasheet(HTML) 5 Page - STMicroelectronics

  VIPER28LN Datasheet HTML 1Page - STMicroelectronics VIPER28LN Datasheet HTML 2Page - STMicroelectronics VIPER28LN Datasheet HTML 3Page - STMicroelectronics VIPER28LN Datasheet HTML 4Page - STMicroelectronics VIPER28LN Datasheet HTML 5Page - STMicroelectronics VIPER28LN Datasheet HTML 6Page - STMicroelectronics VIPER28LN Datasheet HTML 7Page - STMicroelectronics VIPER28LN Datasheet HTML 8Page - STMicroelectronics VIPER28LN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
VIPER28
Pin settings
5/29
3
Pin settings
3.1
Connection diagram
Figure 3.
Connection diagram (top view)
3.2
Pin description
GND
FB
CONT
VDD
DRAIN
DRAIN
BR
EPT
Table 3.
Pin description
N.
Name
Function
1
GND
This pin represents the device ground and the source of the power section.
2VDD
Supply voltage of the control section. This pin also provides the charging
current of the external capacitor during start-up time.
3CONT
Control pin. The following functions can be selected:
1. current limit set point adjustment. The internal set default value of the cycle-
by-cycle current limit can be reduced by connecting to ground an external
resistor.
2. output voltage monitoring. A voltage exceeding 3 V shuts the IC down
reducing the device consumption. This function is strobed and digitally filtered
for high noise immunity.
4FB
Control input for duty cycle control. Internal current generator provides bias
current for loop regulation. A voltage below 0.6 V activates the burst-mode
operation. A level close to 3.3 V means that the device is approaching the
cycle-by-cycle over-current set point.
5
EPT
This pin allows the connection of an external capacitor for the extra power
management. If the function is not used, the pin has to be connected to GND.
7,8
DRAIN
High voltage drain pin. The built-in high voltage switched start-up bias current is
drawn from this pin too.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com