Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER28LN Datasheet(PDF) 24 Page - STMicroelectronics

Part # VIPER28LN
Description  Off-line high voltage converters
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER28LN Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VIPER28LN Datasheet HTML 20Page - STMicroelectronics VIPER28LN Datasheet HTML 21Page - STMicroelectronics VIPER28LN Datasheet HTML 22Page - STMicroelectronics VIPER28LN Datasheet HTML 23Page - STMicroelectronics VIPER28LN Datasheet HTML 24Page - STMicroelectronics VIPER28LN Datasheet HTML 25Page - STMicroelectronics VIPER28LN Datasheet HTML 26Page - STMicroelectronics VIPER28LN Datasheet HTML 27Page - STMicroelectronics VIPER28LN Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Operation descriptions
VIPER28
24/29
7.11
Burst-mode operation at no load or very light load
When the load decrease the feedback loop reacts lowering the feedback pin voltage. As the
voltage reach the burst mode threshold VFBbm MOSFET stops switching. After the MOSFET
stops, as a result of the feedback reaction to the energy delivery stop, the feedback pin
voltage increases and exceeding VFBbm threshold of 100 mV, the burst mode hysteresis
typical value MOSFET the power device start switching again. Figure 26 shows this
behavior called burst mode. Systems alternates period of time where power MOSFET is
switching to period of time where power MOSFET is not switching. The power delivered to
output during switching periods exceeds the load power demands; the excess of power is
balanced from not switching period where no power is processed. The advantage of burst
mode operation is an average switching frequency much lower then the normal operation
working frequency, up to some hundred of hertz, minimizing all frequency related losses.
During the burst mode operation the drain current is limited to ID_BM, 160 mA typ. value
Figure 26. Burst mode timing diagram, light load management
7.12
Extra power management function (EPT)
Some applications need an extra power for a limited time window during which the converter
regulation has to be guaranteed. The extra power management function allows to design a
converter that can satisfy this request and is provided by the EPT pin, see Table 8 on
page 9
.
This function requires the use of a capacitor on EPT pin (CEPT) that is charged or
discharged by means of a 5 µA current cycle by cycle. When the drain current raises over
85% of Idlim value, see IDLIM_EPT (Table8 on page8), the current generator charges CEPT
while when the drain current is below IDLIM_EPT discharges the capacitor. If CEPT ‘s voltage
reaches the VEPT threshold (typical, 4 V), the converter is shut down.
After the converter shut down, the VDD voltage will drop below the VDD(ON) start up
threshold (typ. 14.5 V) and according to the auto restart operation (see section 7.5) the VDD
pin voltage have to fall below the VDD(RESTART) threshold (typical, 4.5V) in order to charge
again the VDD capacitor. Moreover the PWM operation is enabled again only when the
voltage on EPT pin, drop below the VEPT(RESTART) (typical, 0.6V). The low CEPT discharge
current in combination with its low restart threshold, ensures safe operations and avoids
I DS
VFBBM
FB
t
t
50 mV
hyster.
Burst-mode
Normal-mode
Normal-mode
t
t
50 mV
hyster.
Burst-mode
Burst-mode
Normal-mode
Normal-mode
Normal-mode
Normal-mode
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com