Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L294 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L294
Description  SWITCH-MODE SOLENOID DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L294 Datasheet(HTML) 6 Page - STMicroelectronics

  L294_03 Datasheet HTML 1Page - STMicroelectronics L294_03 Datasheet HTML 2Page - STMicroelectronics L294_03 Datasheet HTML 3Page - STMicroelectronics L294_03 Datasheet HTML 4Page - STMicroelectronics L294_03 Datasheet HTML 5Page - STMicroelectronics L294_03 Datasheet HTML 6Page - STMicroelectronics L294_03 Datasheet HTML 7Page - STMicroelectronics L294_03 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6/8
Figure 5. Safe Operating Areas.
Figure 6. Turn-off Phase.
CALCULATION OF THE SWITCHING TIMES
Referring to the block diagram and to the waveforms of fig. 1, it is possible to calculate the switching times
by means of the following relationships.
tr
= −
L
RL
In
(1 −
RL
V1
• Ip
)
where : V1 = Vs - Vsat L - Vsat H _ VR sens
tf
= −
L
RL
In
V2
V2
+ RL • Io
where : V2 = Vs + VD1 + VD2
IK
≤ Io ≤ Ip
Io is the value of the load current at the end of ton.
t1 = t3 = t5 = ...
a
)
−
L
RL
In
0.9 Ip • RL
+ V3
Ip RL
+ V3
where
V3 = Vsat L + VR sens + VD1
b
)
− R1 C1 In 0.9 ≅
1
10
R1 C1
t2 = t4 = t6 = ...
= −
L
RL
In
(
V1
− Ip RL
V1
− IK RL
)
Note that the time interval t1 = t3 = t5 = ... takes the longer value between case a) and case b). The switching
frequency is always :
fswitching
=
1
t1
+ t2
In the case a) the main regulation loop is always closed and it forces :
IK = (0.9
± S) Ip
where : S = 3
% @ Vi = 1 V
S = 1.5 % @ Vi = 4 V
In the case b), the same loop is open in the recirculation phase and IK, which is always lower than 0.9 Ip,
is obtained by means of the following relationship.
IK
= Ip e −
t1 RL
L
−
V3
RL
(1 − e −
t1 RL
L
)
With the typical application circuit, in the conditions Vs = 40V, Ip = 4A, the following switching times result:
tr = 255
µs
tf = 174
µs @ Io = Ip
t1 =
a) 70
µs
b) 16
µs
t2 = 29
µs
f = 10.2 KHz
=
L294



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com