Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L294 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L294
Description  SWITCH-MODE SOLENOID DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L294 Datasheet(HTML) 2 Page - STMicroelectronics

  L294_03 Datasheet HTML 1Page - STMicroelectronics L294_03 Datasheet HTML 2Page - STMicroelectronics L294_03 Datasheet HTML 3Page - STMicroelectronics L294_03 Datasheet HTML 4Page - STMicroelectronics L294_03 Datasheet HTML 5Page - STMicroelectronics L294_03 Datasheet HTML 6Page - STMicroelectronics L294_03 Datasheet HTML 7Page - STMicroelectronics L294_03 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2/8
Symbol
Parameter
Value
Unit
Vs
Power Supply Voltage
50
V
VSS
Logic Supply Voltage
7
V
VEN
Enable Voltage
7
V
Ip
Peak Output Current (repetitive)
4.5
A
Ptot
Total Power Dissipation (at Tcase = 75
°C)
25
W
Tstg, Tj
Storage and Junction Temperature
- 40 to 150
°C
ABSOLUTE MAXIMUM RATING
CONNECTION DIAGRAM (top view)
Symbol
Parameter
Value
Unit
Rth-j-case
Thermal resistance junction-case
Max
3
°C/W
THERMAL DATA
L294



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com