Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L294 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L294
Description  SWITCH-MODE SOLENOID DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L294 Datasheet(HTML) 3 Page - STMicroelectronics

  L294_03 Datasheet HTML 1Page - STMicroelectronics L294_03 Datasheet HTML 2Page - STMicroelectronics L294_03 Datasheet HTML 3Page - STMicroelectronics L294_03 Datasheet HTML 4Page - STMicroelectronics L294_03 Datasheet HTML 5Page - STMicroelectronics L294_03 Datasheet HTML 6Page - STMicroelectronics L294_03 Datasheet HTML 7Page - STMicroelectronics L294_03 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vs
Power Supply Voltage (pin 1)
Operative Condition
12
46
V
Id
Quiescent Drain Current (pin 1)
VENABLE = H
20
30
mA
Vi
≥ 0.6V; VENABLE = L
70
Vss
Logic Suply Voltage (pin 4)
4.5
7
V
Iss
Quiescent Logic Supply
Current
VDIAG = L
5
8
mA
DIAG Output at High Impedance
10
100
µA
Vi
Input Voltage (pin 7)
Operating Output
0.6
V
Non-operative Output
0.45
Ii
Input Current (pin 7)
Vi
≥ 0.6V
-1
µA
Vi
≤ 0.45V
-3
VENABLE
Enable Input Voltage (pin 9)
Low Level
-0.3
0.8
V
High Level
2.4
IENABLE
Enable Input Current (pin 9)
VENABLE = L
-100
µA
VENABLE = H
100
Iload/ Vi
Trasconductance
RS = 0.2
Ω
Vi = 1V
0.95
1
1.05
A/V
Vi = 4V
0.97
1
1.3
Vsat H
Source Output Saturation
Voltage
Ip = 4A
1.7
V
Vsat L
Sink Output Saturation Voltage
Ip = 4A
2
V
Vsat H + VsatL Total Saturation Voltage
Ip = 4A
4.5
V
Ileakage
Output Leakage Current
Rs = 0.2
Ω; Vi ≤ 0.45 V
1mA
K
On Time Limiter Constant (°)
VENABLE = L
120
VDIAG
Diagnostic Output Voltage
(pin 5)
IDIAG = 10 mA
0.4
V
IDIAG
Diagnostic Leakage Current
(pin 5)
VDIAG = 40V
10
µA
Vpin 8
Vpin10
OP AMP and OTA CD Voltage
Gain (°°)
Vpin 10 = 100 to 800 mV
5
VSENS
Sensing Voltage (pin 10) (°°°)
0.9
V
ELECTRICAL CHARACTERISTICS (refer to the test circuit, Vs = 40 V, Vss = 5V, Tamb = 25
°C, unless
otherwise specified)
(°)
After a time interval tmax = KC2, the output stages are disabled.
(°°) See the block diagram.
(°°°) Allowed range of VSENS without intervention of the short circuit protection.
3/8
L294



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com