Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1L20M Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS1L20M
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L20M Datasheet(HTML) 1 Page - STMicroelectronics

  STPS1L20M Datasheet HTML 1Page - STMicroelectronics STPS1L20M Datasheet HTML 2Page - STMicroelectronics STPS1L20M Datasheet HTML 3Page - STMicroelectronics STPS1L20M Datasheet HTML 4Page - STMicroelectronics STPS1L20M Datasheet HTML 5Page - STMicroelectronics STPS1L20M Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
1/6
Table 1: Main Product Characteristics
IF(AV)
1 A
VRRM
20 V
Tj (max)
150°C
VF(max)
0.37 V
STPS1L20M
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 3
Table 3: Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
20
V
IF(RMS) RMS forward voltage
2
A
IF(AV)
Average forward current
Tc = 140°C δ = 0.5
1A
IFSM
Surge non repetitive forward current
10 ms sinusoidal
50
A
PARM
Repetitive peak avalanche power
tp = 1µs Tj = 25°C
1400
W
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Maximum operating junction temperature *
150
°C
dV/dt
Critical rate of rise of reverse voltage (rated VR, Tj = 25°C)
10000
V/µs
* :
thermal runaway condition for a diode on its own heatsink
dPtot
dTj
---------------
1
Rth j
a
–
()
--------------------------
>
C
A
STmite
(DO216-AA)
September 2004
FEATURES AND BENEFITS
■ Very small conduction losses
■ Negligible switching losses
■ Extremely fast switching
■ Low forward voltage drop for higher efficiency
and extented battery life
■ Low thermal resistance
■ Avalanche capability specified
DESCRIPTION
Single Schottky rectifier suited for switch mode
power supplies and high frequency DC to DC
converters.
Packaged in STmite, this device is intended for
use in low voltage, high frequency inverters, free
wheeling and polarity protection applications. Due
to the small size of the package this device fits
battery powered equipment (cellular, notebook,
PDA’s, printers) as well chargers and PCMCIA
cards.
Table 2: Order Code
Part Number
Marking
STPS1L20M
1L2


Similar Part No. - STPS1L20M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1L20M STMICROELECTRONICS-STPS1L20M Datasheet
75Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
29-Nov-2005
STPS1L20MF STMICROELECTRONICS-STPS1L20MF Datasheet
91Kb / 7P
Low drop power Schottky rectifier in flat package
21-Aug-2006
STPS1L20MF STMICROELECTRONICS-STPS1L20MF Datasheet
97Kb / 7P
Low drop power Schottky rectifier in flat package
07-Jul-2011
STPS1L20MF STMICROELECTRONICS-STPS1L20MF_V01 Datasheet
97Kb / 7P
Low drop power Schottky rectifier in flat package
07-Jul-2011
STPS1L20M STMICROELECTRONICS-STPS1L20M_05 Datasheet
75Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
29-Nov-2005
More results

Similar Description - STPS1L20M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com