Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1L20M Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS1L20M
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L20M Datasheet(HTML) 5 Page - STMicroelectronics

  STPS1L20M Datasheet HTML 1Page - STMicroelectronics STPS1L20M Datasheet HTML 2Page - STMicroelectronics STPS1L20M Datasheet HTML 3Page - STMicroelectronics STPS1L20M Datasheet HTML 4Page - STMicroelectronics STPS1L20M Datasheet HTML 5Page - STMicroelectronics STPS1L20M Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
STPS1L20M
5/6
Figure 12: STmite Package Mechanical Data
Figure 13: Foot Print Dimensions (in millimeters)
C
L2
L
A1
R1
R
0° to 6°
b
H
b2
D
L3
A
E
1.82
2.03
1.10
0.50
1.38
0.75
0.71
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.85
1.00
1.15
0.033 0.039 0.045
A1
-0.05
0.05 -0.002
0.002
b
0.40
0.65
0.016
0.025
b2
0.70
1.00
0.027
0.039
c
0.10
0.25
0.004
0.010
D
1.75
1.90
2.05
0.069 0.007 0.081
E
1.75
1.90
2.05
0.069 0.007 0.081
H
3.60
3.75
3.90
0.142 0.148 0.154
L
0.50
0.63
0.80
0.020 0.025 0.031
L2
1.20
1.35
1.50
0.047 0.053 0.059
L3
0.50
ref
0.019
ref
R
0.07
0.003
R1
0.07
0.003
Table 6: Ordering Information
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STPS1L20M
1L2
STmite
15.5 mg
12000
Tape & reel
Table 7: Revision History
Date
Revision
Description of Changes
Jul-2003
2A
Last update.
13-Sep-2004
3
STmite package dimensions reference A1 change: from
blank (min) to -0.05mm and from 0.10 (max) to 0.05mm.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com