Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1L20M Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS1L20M
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L20M Datasheet(HTML) 2 Page - STMicroelectronics

  STPS1L20M Datasheet HTML 1Page - STMicroelectronics STPS1L20M Datasheet HTML 2Page - STMicroelectronics STPS1L20M Datasheet HTML 3Page - STMicroelectronics STPS1L20M Datasheet HTML 4Page - STMicroelectronics STPS1L20M Datasheet HTML 5Page - STMicroelectronics STPS1L20M Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STPS1L20M
2/6
Table 4: Thermal Resistance
* Mounted with minimum recommended pad size, PC board FR4.
Table 5: Static Electrical Characteristics
Pulse test:
* tp = 380 µs,
δ < 2%
To evaluate the conduction losses use the following equation: P = 0.34 x IF(AV) + 0.07 IF
2
(RMS)
Symbol
Parameter
Value
Unit
Rth(j-c)* Junction to case
20
°C/W
Rth(j-l)* Junction to ambient
250
°C/W
Symbol
Parameter
Tests conditions
Min.
Typ
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR = VRRM
0.015
0.075
mA
Tj = 85°C
0.9
4.5
Tj = 25°C
VR = 10V
0.005
0.035
Tj = 85°C
0.45
2.5
Tj = 25°C
VR = 5V
0.003
0.025
Tj = 85°C
0.3
1.6
VF *
Forward voltage drop
Tj = 25°C
IF = 1A
0.38
0.43
V
Tj = 85°C
0.32
0.37
Tj = 25°C
IF = 3A
0.46
0.53
Tj = 85°C
0.42
0.49
Figure 1: Conduction losses versus average
current
Figure 2: Average forward current versus
ambient temperature (
δ = 0.5)
P
(W)
F(AV)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
δ=tp/T
tp
I
(A)
F(AV)
I
(A)
F(AV)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
25
50
75
100
125
150
R=R
th(j-a)
th(j-c)
R
=270°C/W
th(j-a)
T
(°C)
amb



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com